Electronic Components Datasheet Search
  English  ▼

X  

SF5533DP Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5533DP
Description  Less than 75mW Standby Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5533DP Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5533DP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5533DP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_5533_V1.0
FEATURES
◆ Less than 75mW Standby Power
◆ Programmable OLP Debounce Time
◆ Proprietary η
-Balance
TM
Control to Boost
Light Load Efficiency
◆ Proprietary “Zero OCP/OPP Recovery Gap”
Control
◆ Proprietary
“Audio
Noise
Free
OCP
Compensation”
◆ Fixed 65KHz Switching Frequency
◆ Built-in Frequency Shuffling
◆ Built-in Soft Start Function
◆ Frequency Reduction and Burst Mode Control
for Energy Saving
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Built-in Leading Edge Blanking (LEB)
◆ Current Mode Control
◆ Pin Floating Protection
◆ Very Low Startup Current
◆ Audio Noise Free Operation
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ Open-frame SMPS
GENERAL DESCRIPTION
SF5533 is a high performance, high efficiency, highly
integrated current mode PWM controller for offline
flyback converter applications. The OLP debounce
time can be programmed in SF5533.
In SF5533, PW M switching frequency with shuffling is
fixed to 65KHz and is trimmed to tight range. When
the
output
power
demands
decrease,
the
IC
decreases
switching
frequency
based
on
the
proprietary η
-Balance
TM
control to boost power
conversion efficiency at the light load. When output
power falls below a given value, the IC enters into
burst mode and can achieve less than 75mW no load
power.
The IC can achieve “Zero OCP/OPP Recovery Gap”
using SiFirst’s proprietary control algorithm. SF5533
also has built in proprietary “Audio Noise Free OCP
Compensation”, which can achieve constant power
limiting and can achieve audio noise operation at
heavy loading when line input is around 90VAC.
SF5533 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VDD
Over
Voltage
Protection (OVP), Cycle-by-cycle Current Limiting
(OCP),
Pins
Floating
Protection,
Over
Load
Protection (OLP), Gate Clamping, VDD Clamping,
Leading Edge Blanking (LEB), Soft Start, etc.
SF5533 is available in SOT23-6 and DIP-8 packages.
TYPICAL APPLICATION
AC IN
CT
VDD
2
GATE
GND
FB
SF5533
DC Out
CS
3
1
5
4
6
TL431
Optional
Pin Configuration


Similar Part No. - SF5533DP

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5533HDP SIFIRST-SF5533HDP Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5533HLGT SIFIRST-SF5533HLGT Datasheet
85Kb / 2P
Less than 75mW Standby Power
More results

Similar Description - SF5533DP

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
Less than 0.5W no-load Power Consumption
logo
List of Unclassifed Man...
1604A ETC2-1604A_17 Datasheet
335Kb / 1P
Leakage: less than 0.1 mA
logo
Maxim Integrated Produc...
MAX40200EVKIT MAXIM-MAX40200EVKIT Datasheet
617Kb / 6P
Drops Less Than 45mV at 500mA
Rev 0; 11/16
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
logo
Shenzhen Sunnyway Batte...
SWT12800 SUNNYWAY-SWT12800 Datasheet
676Kb / 1P
Initial Charging Current less than 20A
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Shenzhen Huazhimei Semi...
HM2507 HMSEMI-HM2507 Datasheet
534Kb / 12P
Low belt current (less than 1uA)
logo
EHAOAN.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
Instant light(less than 100ns)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com