Electronic Components Datasheet Search
  English  ▼

X  

SF5545 Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5545
Description  管-BalanceTM Current Mode PWM Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5545 Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5545 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5545 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_5545_V2.2
SF5545
FEATURES
◆ Less than 100mW Standby Power
◆ Proprietary η
-Balance
TM
Control to Boost
Light Load Efficiency
◆ Proprietary “Zero OCP/OPP Recovery Gap”
Control
◆ Proprietary
“Audio
Noise
Free
OCP
Compensation”
◆ Latch
Plug-off
Protection
with
External
Triggering
◆ Fixed 65KHz Switching Frequency
◆ Built-in Frequency Shuffling
◆ Built-in Soft Start Function
◆ Frequency Reduction and Burst Mode Control
for Energy Saving
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Built-in Leading Edge Blanking (LEB)
◆ Current Mode Control
◆ Pin Floating Protection
◆ Very Low Startup Current
◆ Audio Noise Free Operation
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ Open-frame SMPS
GENERAL DESCRIPTION
SF5545 is a high performance, high efficiency, highly
integrated current mode PWM controller for offline
flyback converter applications.
In SF5545, PWM switching frequency with shuffling is
fixed to 65KHz and is trimmed to tight range. When
the
output
power
demands
decrease,
the
IC
decreases
switching
frequency
based
on
the
proprietary η
-Balance
TM
control to boost power
conversion efficiency at the light load. When output
power falls below a given value, the IC enters into
burst mode and can achieve less than 100mW no
load power.
The IC can achieve “Zero OCP/OPP Recovery Gap”
using SiFirst’s proprietary control algorithm. SF5545
also has built in proprietary “Audio Noise Free OCP
Compensation”, which can achieve constant power
limiting and can achieve audio noise operation at
heavy loading when line input is around 90VAC.
SF5545 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VDD
Over
Voltage
Protection (OVP), Cycle-by-cycle Current Limiting
(OCP), External Programmable Over Temperature
Protection (OTP) and Over Voltage Protection (OVP),
Pins Floating Protection, Over Load Protection (OLP),
Gate Clamping, VDD Clamping, Leading Edge
Blanking (LEB), Soft Start, etc.
In SF5545, the external triggered OTP/OVP and VDD
OVP
are
latch
plug-off
protections.
The
other
protection functions are auto-recovery mode.
SF5545 is available in SOT23-6 and DIP-8 packages.
TYPICAL APPLICATION
η-Balance
TM
Current Mode PWM Controller


Similar Part No. - SF5545

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF55 WTE-SF55 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF55 RECTRON-SF55 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF55 BYTES-SF55 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF55 DCCOM-SF55 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF5545

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1531S SIFIRST-SF1531S Datasheet
63Kb / 2P
管-BalanceTM Current Mode PWM Controller
SF1533 SIFIRST-SF1533 Datasheet
52Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1546 SIFIRST-SF1546 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1548 SIFIRST-SF1548 Datasheet
64Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1549 SIFIRST-SF1549 Datasheet
65Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
Cost Effective, High Power, 管-BalanceTM PWM Controller
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF5565M SIFIRST-SF5565M Datasheet
88Kb / 2P
管-BalanceTM Current Mode PWM Controller with Brownout Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com