Electronic Components Datasheet Search
  English  ▼

X  

SF5778 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5778
Description  Built-in 650V Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5778 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5778 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5778 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_5778_V1.1
DEM
VDD
1
2
3
FB
GND
Drain
DIP7
4
7
6
5
CS
Drain
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF5778EP
SF5778EP
DIP7
RoHs
Output Power Table
(1)
Part Number
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Adapter
(3)
SF5778
20W
16W
Note 1. The Max. output power is limited by junction temperature
Note 2. 230VAC or 100/115VAC with doublers
Note 3. Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat
sink at 50
oC ambient.
Marking Information
S F 5 7 7 8 E P
Y WW
YWW: Year&Week code
Pin Description
Pin Num
Pin Name
I/O
Description
1
VDD
P
IC power supply pin.
2
DEM
I
Transformer core demagnetization detection pin. This pin is also used for
output over voltage protection (Output OVP).
3
FB
I
Voltage feedback pin. The loop regulation is achieved by connecting a
photo-coupler to this pin. PWM duty cycle is generated by this pin voltage
and the current sense signal at Pin 4.
4
CS
I
Current sense input pin.
5-6
Drain
P
High voltage power MOSFET drain connection.
7
GND
P
Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com