Electronic Components Datasheet Search
  English  ▼

X  

WS7802LS Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WS7802LS
Description  0.1GHz ??3GHz SPDT Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7802LS Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

  WS7802LS Datasheet HTML 1Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 2Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 3Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 4Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 5Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
WS7802LS
Will Semiconductor Ltd.
6
Feb. 2018 _V1.7
TAPE AND REEL INFORMATION
Reel Dimensions
Tape Dimensions
Quadrant Assignments For PIN1 Orientation In Tape
RD
Reel Dimension
W
Overall width of the carrier tape
1
P1
Pitch between successive cavity centers
Pin1
Pin1 Quadrant
User Direction of Feed
Reel Dimensions
P1
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
7inch
13inch
2mm
4mm
8mm
Q1
Q2
Q3
Q4
8mm
12mm
16mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com