Electronic Components Datasheet Search
  English  ▼

X  

74HC109 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC109
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC109 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC109 Datasheet HTML 1Page - Silicon Supplies 74HC109 Datasheet HTML 2Page - Silicon Supplies 74HC109 Datasheet HTML 3Page - Silicon Supplies 74HC109 Datasheet HTML 4Page - Silicon Supplies 74HC109 Datasheet HTML 5Page - Silicon Supplies 74HC109 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
High Speed CMOS Logic – 74HC109
Rev 1.0
16/4/18
 
 
Pad Layout and Functions
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
1450µm (57.09 mils)
COORDINATES (mm)
0,0
PAD
FUNCTION
X
Y
1
RESET 1
0.130
0.375
2
J1
0.140
0.135
3
K1
0.395
0.145
4
CLOCK 1
0.625
0.145
5
SET 1
0.850
0.145
6
Q1
1.035
0.165
7
Q1
1.220
0.420
8
GND
1.230
0.700
9
Q2
1.230
0.890
10
Q2
1.220
0.935
11
SET 2
1.045
0.935
12
CLOCK 2
0.815
0.935
13
K2
0.585
0.935
14
J2
0.360
0.935
15
RESET 2
0.130
0.900
16
VCC
0.120
0.605
CONNECT CHIP BACK TO VCC OR FLOAT
Truth Table
Logic Diagram
1
2 
3 
4 
6
7
9
10
11
12 
13 
14 
15 
5 
DIE ID 
16 
8
Pad 16 = VCC
Pad 8 = GND
* Both outputs will remain high as long as Set and Reset
are low, but the output states are unpredictable if Set and
Reset go high simultaneously.
 
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com