Electronic Components Datasheet Search
  English  ▼

X  

54HC109 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC109
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC109 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC109 Datasheet HTML 1Page - Silicon Supplies 54HC109 Datasheet HTML 2Page - Silicon Supplies 54HC109 Datasheet HTML 3Page - Silicon Supplies 54HC109 Datasheet HTML 4Page - Silicon Supplies 54HC109 Datasheet HTML 5Page - Silicon Supplies 54HC109 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
High Speed CMOS Logic – 74HC109
 
 
DC Electrical Characteristics (Voltages Referenced to GND)
Rev 1.0
16/4/18
LIMITS
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
VIN = VIH or VIL
│IOUT│≤ 20µA
6.0V
0.1
0.1
0.1
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
Maximum Low-Level
Output Voltage
VOL
V
VIN = VIL
6.0V
│IOUT│≤ 5.2mA
0.26
0.33
0.40
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
VIN = VCC or GND
Supply Current
ICC
6.0V
IOUT = 0µA
4
40
80
µA
 
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
2.0V
6.0
4.8
4.0
4.5V
30
24
20
Maximum Clock
Frequency
CL = 50pF,
(50% Duty Cycle)
(Figure 1,4)
fmax
MHz
tr = tf = 6ns
6.0V
35
28
24
2.0V
175
220
265
4.5V
35
44
53
Maximum Propagation
Delay,
CL = 50pF,
Clock to Q or Q
(Figure 1,4)
tPLH, tPHL
ns
tr = tf = 6ns
6.0V
30
37
45
2.0V
230
290
345
4.5V
46
58
69
Maximum Propagation
Delay,
Set or Reset to Q or Q
(Figure 2,4)
tPLH, tPHL
6.0V
CL = 50pF,
tr = tf = 6ns
39
49
59
ns
2.0V
75
95
110
4.5V
15
19
22
Maximum Output Rise
and Fall Time
(Figure 1,4)
tTLH, tTHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
ns
19
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
TJ = 25°C,
pF
Capacitance
(Per Flip-Flop)
6
CPD
-
VCC = 5.0V
40
 5. Not production tested in die form, characterized by chip design and tested in packagE.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com