Electronic Components Datasheet Search
  English  ▼

X  

54HC112 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC112
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC112 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC112 Datasheet HTML 1Page - Silicon Supplies 54HC112 Datasheet HTML 2Page - Silicon Supplies 54HC112 Datasheet HTML 3Page - Silicon Supplies 54HC112 Datasheet HTML 4Page - Silicon Supplies 54HC112 Datasheet HTML 5Page - Silicon Supplies 54HC112 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
High Speed CMOS Logic – 74HC112
Rev 1.0
24/11/17
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
165
205
205
4.5V
33
41
41
Maximum Propagation
Delay,
Set to Q or Q
(Figure 2,4)
tPLH, tPHL
6.0V
CL = 50pF,
tr = tf = 6ns
28
35
35
ns
2.0V
75
95
95
4.5V
15
19
19
Maximum Output
Transition time,
Any output
(Figure 1,4)
tTLH, tTHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
16
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
6
(Per Flip-Flop)
CPD
-
-
35
pF
4. 0˚C ≤ TJ ≤ +85˚C
5. Not production tested in die form, characterized by chip design and tested in package.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
100
125
125
4.5V
20
25
25
Maximum Setup Time,
J or K to Clock
(Figure 3)
tSU
6.0V
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0V
3
3
3
4.5V
3
3
3
Minimum Hold Time,
Clock to J or K
(Figure 3)
th
6.0V
CL = 50pF,
tr = tf = 6ns
3
3
3
ns
2.0V
100
125
125
4.5V
20
25
25
Minimum Recovery
Time, Set or Reset
Inactive to Clock
(Figure 2)
trec
6.0V
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0V
80
100
100
4.5V
16
20
20
Minimum Pulse Width,
Clock
(Figure 1)
tw
6.0V
CL = 50pF,
tr = tf = 6ns
14
17
17
ns
2.0V
80
100
100
4.5V
16
20
20
Minimum Pulse Width,
Set or Reset
(Figure 2)
tw
6.0V
CL = 50pF,
tr = tf = 6ns
14
17
17
ns
2.0V
1000
1000
1000
4.5V
500
500
500
Maximum Input Rise
and Fall times
(Figure 1)
tr, tf
6.0V
CL = 50pF,
tr = tf = 6ns
400
400
400
ns
 
Timing Requirements5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com