Electronic Components Datasheet Search
  English  ▼

X  

BZX55A Datasheet(PDF) 2 Page - Silicon Supplies

Part # BZX55A
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55A Datasheet(HTML) 2 Page - Silicon Supplies

  BZX55A Datasheet HTML 1Page - Silicon Supplies BZX55A Datasheet HTML 2Page - Silicon Supplies BZX55A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
0.5W Zener Diode - BZX55A* series
Rev 1.0
07/04/19
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
500
mW
Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 100mA
VF
1
V
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
IR @ VR
ZZ @ IZT1
ZZK @ IZT2
VZ @ IZT1
IZT1
IZT2
TA = 25°C
TA = 125°C
f = 1 kHz
V
Ω
DEVICE
mA
µA Max.
V
Min.
 
Nom.
 
Max.
 
Max.
Max.
BZX55A2V4
2.376
2.4
2.424
5
1
50.0
100
1.0
85
600
BZX55A2V7
2.673
2.7
2.727
5
1
10.0
50
1.0
85
600
BZX55A3V0
2.97
3.0
3.03
5
1
4.0
40
1.0
85
600
BZX55A3V3
3.267
3.3
3.333
5
1
2.0
40
1.0
85
600
BZX55A3V6
3.564
3.6
3.636
5
1
2.0
40
1.0
85
600
BZX55A3V9
3.861
3.9
3.939
5
1
2.0
40
1.0
85
600
BZX55A4V3
4.257
4.3
4.343
5
1
1.0
20
1.0
75
600
BZX55A4V7
4.653
4.7
4.747
5
1
0.5
10
1.0
60
600
BZX55A5V1
5.049
5.1
5.151
5
1
0.1
2.0
1.0
35
550
BZX55A5V6
5.544
5.6
5.656
5
1
0.1
2.0
1.0
25
450
BZX55A6V2
6.138
6.2
6.262
5
1
0.1
2.0
2.0
10
200
BZX55A6V8
6.732
6.8
6.868
5
1
0.1
2.0
3.0
8.0
150
BZX55A7V5
7.425
7.5
7.575
5
1
0.1
2.0
5.0
7.0
50
BZX55A8V2
8.118
8.2
8.282
5
1
0.1
2.0
6.2
7.0
50
BZX55A9V1
9.009
9.1
9.191
5
1
0.1
2.0
6.8
10
50
Electrical Characteristics T
A = 25°C unless otherwise stated
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
Zener Voltages 10V to 75V are constructed using a larger die geometry.
Please see here for further details
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com