Electronic Components Datasheet Search
  English  ▼

X  

CD4011B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4011B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4011B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4011B Datasheet HTML 1Page - Silicon Supplies CD4011B Datasheet HTML 2Page - Silicon Supplies CD4011B Datasheet HTML 3Page - Silicon Supplies CD4011B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 CMOS High Voltage Logic – CD4011B
 
 
 
 
 
 
Quad 2-Input NAND Gate Logic IC in bare die form
High Input Voltage up to 20V
Symmetrical Output Characteristics
Max input current 1µA at 18V over full Military
Temperature Range
Low Power TTL compatible
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1050 x 1200
41 x 47
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.  
Rev 1.0
21/11/17
The CD4011B is fabricated using a 3µm 15CMOS
process. The device has equal source and sink current
capabilities and conforms to standard B series output
drive. Device outputs are buffered which improves
transfer characteristics by providing very high gain.
The device is capable of driving x2 low power TTL
loads or x1 LSTTL load.
Description
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
Ordering Information
Die Dimensions in µm (mils)
1050 (41)
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For more information on LAT flows please see below.
www.siliconsupplies.com\quality\bare‐die‐lot‐qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 4 
www.siliconsupplies.com


Similar Part No. - CD4011B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Unisonic Technologies
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Texas Instruments
CD4011B TI1-CD4011B Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B Datasheet
1Mb / 20P
CMOS NAND GATES
logo
Silicon Supplies
CD4011B SS-CD4011B Datasheet
274Kb / 4P
CMOS High Voltage Logic
Rev 1.0 21/11/17
More results

Similar Description - CD4011B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com