Electronic Components Datasheet Search
  English  ▼

X  

CD4053B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4053B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4053B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4053B Datasheet HTML 1Page - Silicon Supplies CD4053B Datasheet HTML 2Page - Silicon Supplies CD4053B Datasheet HTML 3Page - Silicon Supplies CD4053B Datasheet HTML 4Page - Silicon Supplies CD4053B Datasheet HTML 5Page - Silicon Supplies CD4053B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 CMOS High Voltage Logic – CD4053B
 
Triple 2-Channel Analog Multiplexer/Demultiplexer in bare die form
Rev 1.0
08/09/18
 
 
 
 
 
 
 
 
 
The CD4053B is a digitally controlled Analog Switch
consisting of x3 separate digital control inputs, A, B, &
C plus inhibit input. Each control input selects one of a
pair of channels in SPDT configuration. Logic “1” at the
inhibit input switches all channels off. Logic-level
conversion of analog signals up to 18VP-P is achieved
via digital signal amplitudes of 4.5V to 18V (if VDD-VSS
= 3V, a VDD-VEE up to 13V can be controlled; for VDD-
VEE level differences >13V, VDD-VSS ≥ 4.5V is
required). Featuring low ON impedance & very low
OFF leakage current, quiescent power consumption is
extremely low across the full VDD-VSS & VDD-VEE range
and independent of control logic state.
Description
Break-before-make switch function eliminates
channel overlap
Supply voltage range: 3V to 18V
Analog voltage range (VDD - VEE) : 3V to 18V
ON resistance: 125Ω (typ) over 15VP-P signal
Channel leakage current: 100 nA ,VDD = 18V
Matched Switch Characteristics: RON = 10Ω
(max), VDD - VEE = 15V
Quiescent current : 0.2 μA, VDD = 15V
Binary address decoding on-chip 
Features:
The following part suffixes apply:
Ordering Information
Die Dimensions in µm (mils)
2057 (81)
 
 
 
 
 
 
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
 
www.siliconsupplies.com\quality\bare-die-lot-qualification
 
 
2057 x 1850
 
 
 
 
Die Size (Unsawn)
81 x 89
µm
mils
106 x 106
Minimum Bond Pad Size
4.17 x 4.17
µm
mils
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
635 (±20)
µm
Die Thickness
25 (±0.79)
mils
Die Thickness <> 635µm(25 Mils) – On request
Assembled into Ceramic Package – On request
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - CD4053B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
430Kb / 20P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4053B HARRIS-CD4053B Datasheet
146Kb / 15P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
683Kb / 25P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053B TI-CD4053B Datasheet
1Mb / 28P
Data sheet acquired from Harris Semiconductor
CD4053B TI1-CD4053B Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - CD4053B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com