Electronic Components Datasheet Search
  English  ▼

X  

CD4071B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4071B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4071B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4071B Datasheet HTML 1Page - Silicon Supplies CD4071B Datasheet HTML 2Page - Silicon Supplies CD4071B Datasheet HTML 3Page - Silicon Supplies CD4071B Datasheet HTML 4Page - Silicon Supplies CD4071B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 CMOS High Voltage Logic – CD4071B
 
 
 
 
 
 
CMOS Quad 2-Input OR Gate in bare die form
High Input Voltage up to 20V
Symmetrical Output Characteristics
Max input current 1µA at 18V over full Military
Temperature Range
Low Power TTL compatible
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1270 x 940
50 x 37
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
635 (±20)
25 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.  
Rev 1.0
19/09/18
Features:
The following part suffixes apply:
The CD4071B provides the system designer with direct
implementation of the positive-logic OR function. The
device has equal source and sink current capabilities
and conforms to standard B series output drive.
Device outputs are buffered which improves transfer
characteristics by providing very high gain. The device
is capable of driving x2 low power TTL loads or x1
LSTTL load. The CD4071B is primarily used for higher
voltage acceptance and where low power dissipation
and/or high noise immunity are required.
Ordering Information
Description
Die Dimensions in µm (mils)
1270 (50)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 635µm(25 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - CD4071B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4071B TI-CD4071B Datasheet
209Kb / 5P
CMOS OR GATES
CD4071B TI-CD4071B Datasheet
524Kb / 12P
CMOS OR GATES
CD4071B TI1-CD4071B Datasheet
1Mb / 29P
CMOS OR Gates
CD4071B-MIL TI1-CD4071B-MIL Datasheet
1Mb / 29P
CMOS OR Gates
logo
National Semiconductor ...
CD4071BC NSC-CD4071BC Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
More results

Similar Description - CD4071B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com