Electronic Components Datasheet Search
  English  ▼

X  

CD4081B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4081B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4081B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4081B Datasheet HTML 1Page - Silicon Supplies CD4081B Datasheet HTML 2Page - Silicon Supplies CD4081B Datasheet HTML 3Page - Silicon Supplies CD4081B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4 
www.siliconsupplies.com
 
 
CMOS High Voltage Logic – CD4081B
Rev 1.0
21/11/17
 
 
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
FULL RANGE
4
UNITS
 
5V
VIN = VDD or VSS
VOL = 0.4V
0.64
0.42
 
0.36
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
AC Electrical Characteristics5
5. Not production tested in die form, characterized by chip design and tested in package.
10V
VIN = VDD or VSS
VOL = 0.5V
1.6
1.1
0.9
Minimum Output
mA
Low (Sink) Current
IOL
15V
VIN = VDD or VSS
VOL = 1.5V
4.2
2.8
2.4
5V
VIN = VDD or VSS
VOH = 2.5V
-2.0
-1.3
-1.15
5V
VIN = VDD or VSS
VOH = 4.6V
-0.64
-0.42
-0.36
10V
VIN = VDD or GND
VOH = 9.5V
-1.6
-1.1
-0.9
Minimum Output
High (Source)
Current
IOH
mA
VIN = VDD or VSS
15V
VOH = 13.5V
-4.2
-2.8
-2.4
4. -55˚C ≤ TJ ≤ +125˚C.
TYPICAL
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
5V
250
250
500
10V
120
120
240
Propagation Delay,
CL = 50pF,
Input A or B to
Output Y (Figure 1)
tPLH, tPHL
15V
RL = 200kΩ
ns
tr = tf = 20ns
90
90
180
5V
200
200
400
10V
100
100
200
Output Transition
CL = 50pF,
Time, Any Output
(Figure 1)
tTLH, tTHL
15V
RL = 200kΩ
ns
tr = tf = 20ns
80
80
160
CL = 50pF,
Input Capacitance
CIN
-
RL = 200kΩ
tr = tf = 20ns
5
7.5
7.5
pF
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com