Electronic Components Datasheet Search
  English  ▼

X  

ADS5221RGZ Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5221RGZ
Description  12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5221RGZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5221RGZ Datasheet HTML 9Page - Texas Instruments ADS5221RGZ Datasheet HTML 10Page - Texas Instruments ADS5221RGZ Datasheet HTML 11Page - Texas Instruments ADS5221RGZ Datasheet HTML 12Page - Texas Instruments ADS5221RGZ Datasheet HTML 13Page - Texas Instruments ADS5221RGZ Datasheet HTML 14Page - Texas Instruments ADS5221RGZ Datasheet HTML 15Page - Texas Instruments ADS5221RGZ Datasheet HTML 16Page - Texas Instruments ADS5221RGZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ADS5221
SBAS262A
13
www.ti.com
The ADS5221 requires solid bypassing for all reference pins
to keep the effects of clock feedthrough to a minimum and to
achieve the specified levels of performance. Figure 7 to
Figure 10 show the recommended decoupling scheme. All
0.1
µF capacitors must be located as close to the pins as
possible. In addition, pins REFT, VREF, and REFB must be
decoupled with tantalum surface-mount capacitors (2.2
µF,
4.7
µF, 10µF or higher).
INTERNAL REFERENCE
There are two internal fixed reference modes and one
internal programmable reference mode as shown in Table I
and Figure 7 through Figure 9. Setting RSEL to ground (or
< 0.2V) provides an internal reference voltage of +1.0V at
VREF pin, +2V at REFT, and +1V at REFB pin. In this case,
the input FSR is +2V peak-to-peak. Connecting RSEL to the
VREF pin provides an internal reference voltage of +0.5V at
VREF, +1.75V at REFT, and +1.25V at REFB. In this case, the
input FSR is +1V peak-to-peak. Setting the resister divider as
in Figure 9 provides an internal voltage between +0.5V and
+1V at VREF, which is as follows:
VREF = 0.5 • (1+R2/R1)
In this case, the voltage at REFT and REFB and input FSR
is calculated based on Table I.
ADS5221
RSEL
VREF
REFT
REFB
2.2
µF
0.1
µF
2
Ω
10
µF
2.2
µF
15
µF
2
Ω
2.2
µF
15
µF
402
Ω
402
Ω
3.3V
1V
Output
ADS5221
RSEL
VREF
REFT
REFB
15
µF
0.1
µF
2
Ω
10
µF
2.2
µF
15
µF
2
Ω
2.2
µF
15
µF
402
Ω
402
Ω
3.3V
0.5V
Output
ADS5221
RSEL
VREF
REFT
REFB
15
µF
0.1
µF
2
Ω
10
µF
2.2
µF
15
µF
2
Ω
2.2
µF
15
µF
402
Ω
402
Ω
R
2
R
1
3.3V
EXTERNAL REFERENCE
For even more design flexibility, the ADS5221 can be oper-
ated with external references. Utilization of an external refer-
ence voltage may be considered for applications requiring
higher accuracy, improved temperature stability, or flexible
full-scale range. Particularly in multi-channel applications,
the use of a common external reference offers the benefit of
improving gain matching between converters. Setting RSEL
to AVDD (+3.3V) provides an external reference mode for the
ADS5221. In this case, the internal VREF amplifier is powered
down, and the VREF pin requires an external reference
voltage between +0.5V to +1V to provide an input FSR
voltage of +1V to +2V. The REFT and REFB will appear with
the voltage as shown in Table I and input FSR is always
twice the voltage at the VREF pin. A voltage reference
(REF1004 or TPS79225) and a single-supply amplifier
(OPA2234 or OPA4227) can be used to generate a precision
external reference.
ADS5221
RSEL
VREF
REFT
REFB
10
µF
0.1
µF
2
Ω
10
µF
2.2
µF
15
µF
2
Ω
2.2
µF
15
µF
402
Ω
402
Ω
3.3V
Input
0.5V to 1V
AV
DD
FIGURE 7. Internal Reference Mode for VREF = 1V.
FIGURE 8. Internal Reference Mode for VREF = 0.5V.
FIGURE 9. Internal Reference Mode for VREF = 0.5 • (1 + R2/R1).
FIGURE 10. External Reference Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com