Electronic Components Datasheet Search
  English  ▼

X  

FP1008 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP1008
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1008 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP1008 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1008 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1008 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1008 Datasheet HTML 4Page - Eaton All Rights Reserved. FP1008 Datasheet HTML 5Page - Eaton All Rights Reserved. FP1008 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data
10155
Effective March 2015
FP1008 Family
High frequency, high current power inductors
www.eaton.com/elx
Packaging information (mm)
Core loss vs. B p-p
User Direction of Feed
Section A – A
16.0
24.0
+/–0.3
2.0
10.4
8.3
1.5 dia
11.5
1.75
4.0
1.5 dia
Supplied in tape-and-reel packaging, 350 parts on a 13” diameter reel.
1
10
0.1
0.01
0.001
B p-p (Gauss)
100
1000
10000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com