Electronic Components Datasheet Search
  English  ▼

X  

FP1109B Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP1109B
Description  High frequency, high current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1109B Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP1109B Datasheet HTML 1Page - Eaton All Rights Reserved. FP1109B Datasheet HTML 2Page - Eaton All Rights Reserved. FP1109B Datasheet HTML 3Page - Eaton All Rights Reserved. FP1109B Datasheet HTML 4Page - Eaton All Rights Reserved. FP1109B Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 10465
Effective January 2018
FP1109B
High frequency, high current power inductors
www.eaton.com/electronics
Product specifications
Part Number7
OCL1
(nH)±10%
FLL2
(nH) minimum
I
rms
3
(A)
I
sat1
4
(A)
I
sat2
5
(A)
DCR (mΩ)
@ +20 °C ±5%
K-factor8
FP1109B1-R150-R
150
108
55
80
64
0.19
339
FP1109B1-R180-R
180
130
55
62
49
0.19
339
FP1109B1-R220-R
220
158
55
50
40
0.19
339
FP1109B1-R300-R
300
216
55
38
30
0.19
339
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.1 Vrms, 0.0 Adc, +25 ºC
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.1 Vrms, I
sat1, +25 ºC
3. I
rms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary
for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat generat-
ing components will affect the temperature rise. It is recommended that the temperature of the part
not exceed +125 °C under worst case operating conditions verified in the end applicat ion.
4. I
sat1: Peak current for approximately 20% rolloff @ +25 °C
5. I
sat2: Peak current for approximately 20% rolloff @ +125 °C
6. K-factor: Used to determine B
p-p for core loss (see graph).
B
p-p = K * L * ∆I * 10
-3
. B
p-p:(Gauss), K: (K-factor from table),
L: (Inductance in nH), ∆I (Peak-to-peak ripple current in Amps).
7. Part Number Definition: FP1109Bx-Rxxx-R
FP1109B= Product code and size
x= version indicator
Rxxx= Inductance value in μH, R= decimal point
-R suffix = RoHS compliant
Dimensions (mm)
Part marking: FP1109Bx (Product code and size, x = version indicator),
Rxxx = Inducutance value in uh, R = decimal point
wwllyy = date code, R = revision level
All soldering surface to be coplanar within 0.10 mm
Pad layout tolerances are ±0.1 millimeters unless stated otherwise
DCR measured between point “a” and point “b”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com