Electronic Components Datasheet Search
  English  ▼

X  

GLR Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GLR
Description  Non-rejecting, fast-acting fuse and in-line fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GLR Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GLR Datasheet HTML 1Page - Eaton All Rights Reserved. GLR Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2032
Effective August 2017
Supersedes December 2015
Product features
• UL® Listed, Std. 248-14, 3/16-15A/300Vac, Guide
JDYX, File E19180
• CSA® Certified, C22.2 No. 248.14, 0-10A/300Vac,
Class 1422-01, File 53787
Fuse holder
HLR
• UL Recognized, 12A, 300Vac, Guide IZLT2, File
E14853
• CSA Certified, 12A, 300Vac, Class 6225-01, File 47235
HLR-2A and HRL-2L
• UL Recognized, 15A, 300Vac, Guide IZLT2, File
E14853
• CSA Certified, 15A, 300Vac, Class 6225-01, File 47235
A
• CSA Certified, 10A, 300Vac, Class 6225-01, File 47235
GLR (fuse) HLR (fuse holder)
Non-rejecting, fast-acting fuse and in-line fuse holders
•
GLR fuse and knob are an integral one-piece unit. There
are no replacement knobs (caps)
•
Units can be panel mounted with a separate steel clip. For
knockout hole mounting (see dimensions), order catalog
number BK/A-104. For the keyhole punch type hole
mounting, order catalog number 6374 for panels 0.043” to
0.062” thick, or catalog number 4909 for panels 0.030” to
0.042” thick.
•
The HLR holder comes with 6 inches of red #18 insulated
solid copper wire attached to the lineside terminal,
customer inserts a #18 insulated solid copper wire into
loadside terminal
•
Order holder catalog number HLR-2A to obtain 6 inches of
black #18 insulated solid copper wire pre-installed in the
loadside terminal
•
Order catalog number HLR-2L to obtain 6 inches of black
#18 insulated solid copper wire packaged loose
(uninstalled)
•
An alternative to the HLR fuse holder is the “A” fuse
holder. The “A” fuse holder comes WITHOUT leads. The
customer inserts #18 insulated solid copper wire into the
lineside and the loadside terminals. The “A” fuse holder
has the same body dimensions, utilizes the same
mounting hole, and takes the same mounting clips as the
HLR, HLR-2A and HLR-2L
•
Do not put tension on the fuse holder’s lineside terminal
Catalog symbol: GLR (fuse) HLR (fuse holder)
Ampere Rating: 3/16 - 15 A
Voltage Rating: 300 Volts AC or less
Interrupting Rating: 10,000 A
Agency information
Fuse
GLR fuse catalog numbers
Fuse (amps)
GLR-3/16
GLR-1-6/10 GLR-5
GLR-9
GLR-1/2
GLR-2
GLR-6
GLR-10
GLR-1
GLR-3
GLR-7
GLR-12
GLR-1-1/2
GLR-4
GLR-8
GLR-15*
* Must be used with the HLR-2A holder rated to 15A.
HLR fuse holder catalog numbers
Catalog No. Description
HLR
Holder with installed linseide
terminal wire for 3/16 to 12 amp
GLR fuses
HLR-2A
Holder with installed lineside and
loadside terminal wires for 3/16 to
15 amp GLR fuses
HLR-2L
Holder with uninstalled lineside
and loadside terminal wires for
3/16 to 15 amp GLR fuses
A
Holder without lineside or loadside
termianl wires for for 3/16 to 15
amp GLR fuses


Similar Description - GLR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Cooper Bussmann, Inc.
HLQ-10 COOPER-HLQ-10 Datasheet
36Kb / 1P
Specialty Fuse Fast-Acting, Size Rejecting
HLR-2A COOPER-HLR-2A Datasheet
49Kb / 1P
Specialty Fuse Fast-Acting, Non-Rejecting
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
HEB breakaway and non-breakaway in-line fuse holders
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
GMF EATON-GMF Datasheet
181Kb / 2P
Non-rejecting, time-delay fuse and in-line fuse holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com