Electronic Components Datasheet Search
  English  ▼

X  

HMF Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HMF
Description  1/4" x various length and SFE in-line fuse holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HMF Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HMF Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data 2122
Effective June 2017
Supersedes December 1998
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2122 SB98107
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
HR and HM
1/4" x various length and SFE in-line fuse holder
Product features
•
Bayonet type knob
•
Maximum current rating 20 amps; voltage
rating 32 volts AC
•
Holders available as complete assembly
consisting of in-line holder with 8" or 14" of
#14 insulated wire and installed fuses
•
Replacement springs – BK/1A1853
•
Replacement contacts – 9838 for #18 - #22
wire, 9841 for #12 - #16 wire
Environmental data:
Temperature Rating (RTI): +140 °C
Agency information:
No agency listing
Part
Number
Amps
Volts AC
Includes Fuse
Wire
HRJ*
__________
HRI
__________
SFE-20
____________________
SFE-14
____________________
19∑ of #14
HRH
__________
HRE
__________
SFE-9
____________________
SFE-7
___________________
⁄Ω™
_
HRG
__________
20
32
HRF
__________
HMJ**
__________
HMI
__________
SFE-6
____________________
SFE-4
_______________________________________
SFE-20
____________________
SFE-14
____________________
8∑ of #14
HMH
__________
HME
__________
SFE-9
____________________
SFE-7
___________________
⁄Ω™
_
HMG
__________
SFE-6
____________________
HMF
SFE-4
*Also available as in-line fuseholder only with lead wire contacts,
HRJ-Less-Fuse.
**Also available as in-line fuseholder only with lead wire contacts,
HMJ-Less-Fuse.
HDJ-A – For ⁄Ω¢∑ ≈ 1⁄Ω¢∑ fuse, no wire or fuse included, accepts #18 - #20 wire.
HDJ-B – For ⁄Ω¢∑ ≈ 1⁄Ω¢∑ fuse, no wire or fuse included, accepts #12 - #16 wire.
HDI-A – For ⁄Ω¢∑ ≈ ‡Ω•∑ fuse, no wire or fuse included, accepts #18 - #20 wire.
HDI-B – For ⁄Ω¢∑ ≈ ‡Ω•∑ fuse, no wire or fuse included, accepts #12 - #16 wire.
HAF-A – For ⁄Ω¢∑ ≈ fiΩ•∑ fuse, no wire or fuse included, accepts #18 - #20 wire.
0.75"
(19.1mm)
2.19"
2.19"
(55.6mm)
1.56"
(39.7mm)
0.69"
(17.5mm)
0.38"
(9.5mm)
Dimensions: in (mm): All dimensions ±0.015"


Similar Part No. - HMF

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMF EATON-HMF Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
logo
Harris Corporation
HMF-06020 HARRIS-HMF-06020 Datasheet
90Kb / 3P
Power Optimized GaAs FET 2-14 GHz
HMF06020 HARRIS-HMF06020 Datasheet
90Kb / 3P
Power Optimized GaAs FET 2-14 GHz
logo
Multicomp Pro
HMF07N65S MULTICOMP-HMF07N65S Datasheet
278Kb / 3P
N Channel MOSFET
27/11/23 V1.0
logo
Hanbit Electronics Co.,...
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
More results

Similar Description - HMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
HRK EATON-HRK Datasheet
170Kb / 1P
1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
logo
Littelfuse
3031-0 LITTELFUSE-3031-0 Datasheet
136Kb / 1P
GLASS 3031 32V IN-LINE SFE AND AGC GLASS FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com