Electronic Components Datasheet Search
  English  ▼

X  

FTB Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # FTB
Description  Higher speed and longer life
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

FTB Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  FTB Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD FTB Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
596:HUB TYPE BLADES(FTB/CCB)
HUB TYPE BLADES
FTB
Q
35
20
64
FTB
CCB
R
Q
A
19.05
0.009
0
55.56
0.04
0.06
Blade exposure
PRECISION ACCRETECH BLADE
FTB/CCB series
■ Specification and Notation
■ Figure shows dimension tolerance.
■ Type
■ Bond
Type
Bond
Grit size
Kerf width
Blade exposure
Standard
Hard
Standard
Medium-soft
Excellent rigidity
■ Availability by grit size
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
Kerf width
0.380 ~ 0.500
0.510 ~0.640
0.640 ~0.750
0.760 ~ 0.890
0.890 ~1.020
1.020 ~1.150
0.015 ~ 0.020
1538
0.020 ~ 0.025
2038
2051
2064
0.025 ~ 0.030
2551
2564
2576
0.030 ~ 0.035
3051
3064
3076
3089
0.035 ~ 0.040
3564
3576
3589
35102
0.040 ~ 0.050
4064
4076
4089
40102
0.050 ~ 0.060
5076
5089
50102
Blade exposure
(mm)
Kerf width
(mm)
Grit
size
(um)
1/3
2/4
3/5
4/6
Notation
13
24
35
46
R
●
●
●
●
Bond
Q
R
A
●
●
●
●
●
Kerf width
(mm)
0.015~0.060
0.020~0.060
C-93-596-E-1809A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com