Electronic Components Datasheet Search
  English  ▼

X  

MSM9004 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM9004
Description  1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets MSM9004 Datasheet HTML 10Page - OKI electronic componets MSM9004 Datasheet HTML 11Page - OKI electronic componets MSM9004 Datasheet HTML 12Page - OKI electronic componets MSM9004 Datasheet HTML 13Page - OKI electronic componets MSM9004 Datasheet HTML 14Page - OKI electronic componets MSM9004 Datasheet HTML 15Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
¡ Semiconductor
MSM9004-03/04
12/15
How to Decrease Transfer Time When Unused Segments Exist
The MSM9004-03/04 can operate even if segment data is not full. Input data as in the figure
shown below. In this case, the last 4 bits are the select bits.
Transfer example: for 30 segments
D29 D28 D27 D26
D30
D2
D1
0
0
C1
C2
C3
C4
LCD display bits
(30 bits)
Dummy bits
(2 bits)
Select bits
(4 bits)
CLOCK2
DATA
LOAD
Note:
Always set "0" to the dummy bit.
1
24
Recommended RC Values for MSM9004-04 Oscillation Circuit
Shown below are the recommended oscillation resistor (RO) and capacitor (CO) values for
providing frame frequency fFRM of approximately 62 Hz to 190 Hz.
• RO = 62 kW ± 5%
• CO = 0.01 mF ± 5%
(Resistance and capacitance variations due to temperature change are not included.)
For requirements of supply voltage (VDD), ambient temperature range (Ta), and frame frequency
(fFRM):
• VDD = 5.0 V
• Ta = –40 to +85
°C
• fFRM =
oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com