Electronic Components Datasheet Search
  English  ▼

X  

HM Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # HM
Description  METAL BOND BLADES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

HM Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  HM Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD HM Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4000
2500
2000
1300
1200
1000
800
700
600
500
400
325
0.05<T
<0.1
●
●
●
●
●
●
0.1<T
<0.15
●
●
●
●
●
●
●
●
●
●
0.15<T
<0.2
●
●
●
●
●
●
●
●
●
●
●
0.2<T
≦
0.4
●
●
●
●
●
●
●
●
●
●
●
●
58D
0.3T
40H
1A8
MD
400
HM633
-
75
2d
0.5W
16N
MD
XD
H
D
T
586:METAL BOND BLADES(HM)
25, 50, 75, 100, 125
METAL BOND BLADES
PRECISION ACCRETECH BLADE
HM633
HM050
HM051
HM046
HM557
HM series
■ Specification and Notation
■ Grit type
■ Concentration
■ Dimension and Notation
■ Production
Range
■ Production Range
■ Production Range
■ Bond
Shape
Grit type
Mesh size
Concentration
Bond
Standard
Coating
Soft
Standard
↓Hard
O.D.
Blade thickness
I.D.
Depth of slit
Width of slit
No. of slit
Blade thickness (mm)
Mesh
size
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■ Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■ Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
Drawing Notation
O.D./D
+0.1/-0
50≦D≦100
Blade thickness/T(mm)
±0.005 *1
0.05≦T≦0.4
40≦T≦88.9
I.D./H(mm)
H6、H7
Depth of slit/d
(mm)
0.5
8,16,32
Width of slit/W
(mm)
No. of slit/N
By blade exposure
*1 #325 is ±0.01.
Mesh
size
4000
2500
2000
1300
1200
1000
800
700
600
500
400
325
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
MD
XD
Grit
C-93-586-E-1809A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com