Electronic Components Datasheet Search
  English  ▼

X  

MN Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # MN
Description  Evolutionary version of standard type in response to the needs of ultra-thin blade
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

MN Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  MN Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD MN Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NICKEL BOND BLADES
PRECISION ACCRETECH BLADE
MN type
MN type has rigidity of
more than 1.5 times
succeeding the standard
bond line, which enables
the high-speed cutting
by ultra-thin blade in
increasingly demands.
Rigidity comparison
Evolutionary version of standard type in response
to the needs of ultra-thin blade.
MN type has realized the rigidity of more than 1.5
times succeeding the standard bond lineup and en-
ables the high-speed cutting.
Based on the standard type, rigidity was upgraded to its limit
and cutting straightness was improved.
Realized a high quality cutting surface by controlling the
amount of grit protrusion on the lateral face of the blade.
Decrease in the grit shedding on lateral face of blade to
prevent blade deformation.
Lessening adhesion of cutting powder to the blade surface.
Cutting ability improvement due to the special slits.
Processing example
Nickel blade (MN type)
580:NICKEL BOND BLADES(MN)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
M type
MN type
1.5 T
ime
s up
!
■ Current type, MN Type ■ Green sheet processing example
Prevent blade deformation
caused by grit dropping
abnormally; minimize
adhesion of cutting powder
to the blade. MN type
enables cutting in good
condition even if the
intermediate dress
frequency is decreased.
TOKYO SEIMITSU


Similar Description - MN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HLC908LJ12 FREESCALE-MC68HLC908LJ12 Datasheet
636Kb / 16P
low-voltage version of the MC68HC908LJ12
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
Version 1.0 of the SiM3U1xx
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
modules from Laird Technologies have been designed to meet the needs of developers
SDC-EC25N LSTD-SDC-EC25N Datasheet
942Kb / 17P
Preliminary version of the EC25N HIG
logo
CITIZEN ELECTRONICS CO....
CM155 CITIZEN-CM155 Datasheet
134Kb / 2P
Being of the ultra-miniature SMD type
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
BEYONDINFINITE
SFA050XS1-OR BEYONDINFINITE-SFA050XS1-OR Datasheet
74Kb / 9P
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
logo
TOKYO SEIMITSU CO., LTD
MN-HALF-SLIT ACCRETECH-MN-HALF-SLIT Datasheet
442Kb / 2P
Evolved MN series that meets high blade needs of rigidity
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com