Electronic Components Datasheet Search
  English  ▼

X  

FP6121 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6121
Description  300mA, High PSRR, Dual Output Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6121 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6121 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6121 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FP6121-3.5-DEC-2013
FP6121
fitipower integrated technology lnc.
300mA, High PSRR, Dual Output
Low-Dropout Regulator
LINEAR REGULATOR
Description
The FP6121 is a dual output, low dropout, high
PSRR, low quiescent current linear regulators.
The
FP6121 can supply 200mA output current with a
lower dropout voltage about 300mV for each
channel.
The FP6121 is suitable for portable and wireless
application such as mobile phone and portable
hand-sets.
The FP6121 is designed and optimized
to work with low-value, low cost ceramic capacitors.
The FP6121 consumes less than 0.1
μA during
shutdown mode which is independent for each
channel,
allowing
for
flexibility
in
power
management.
Besides its current limit protection
and on chip thermal shutdown features provide
protection against any combination of overload or
ambient temperature that could exceed junction
temperature.
The FP6121 does
n’t need external bypass capacitor
and still could get better noise performance.
The
tiny SOT-23-6, TSOT-23-6 and TDFN-6 packages
are attractive for hand-held applications.
Features
Low Dropout Voltage: 300mV at IOUT=200mA
Guaranteed 300mA Output Current Per Channel
Very Low Quiescent Current: 25
μA
High Power Supply Rejection Ratio: 70dB at
10kHz
Highly Accurate:
2%
Needs Only 1µF Ceramic Capacitor for Stability
Thermal Shutdown and Current Limiting
Protection
Tiny SOT-23-6, TSOT-23-6 and TDFN-6
Packages
RoHS Compliant
Applications
Mobile Phone
Portable or Wireless Instrument
Camera
PDA and Notebook Computer
Pin Assignment
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
EN1 VIN EN2
VOUT2
GND
VOUT1
S9 Package (TSOT-23-6)
2
1
3
6
4
5
(Marking)
EN1 VIN EN2
VOUT2
GND
VOUT1
WD Package (TDFN-6) (1.6mm×1.6mm)
1
4
5
6
3
2
EN2
VIN
EN1
GND
VOUT1
VOUT2
GND
Figure 1. Pin Assignment of FP6121
Ordering Information
VOUT1
VOUT2
VOUT1
VOUT2
A
3.3V
2.8V
L
1.8V
2.6V
B
3.3V
2.5V
M
1.8V
3.0V
C
2.8V
1.8V
N
2.8V
3.3V
D
2.5V
1.8V
O
1.8V
1.8V
E
3.0V
1.8V
P
2.85V
2.85V
F
1.8V
2.8V
Q
1.5V
3.0V
G
2.8V
2.8V
R
1.5V
3.3V
H
1.5V
2.8V
S
1.2V
3.3V
I
1.8V
3.3V
T
3.0V
2.85V
J
1.3V
2.8V
V
3.3V
3.3V
K
1.2V
2.8V
W
1.2V
1.8V
FP6121-
□□□□
P: Green
G: Green
TR: Tape/Reel
Package Type
S6: SOT-23-6
S9: TSOT-23-6
WD: TDFN-6 (1.6mm×1.6mm)
Output Voltage


Similar Part No. - FP6121

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6121 APITECH-FP6121 Datasheet
69Kb / 1P
RF AMPLIFIER MODEL
FP6121PM APITECH-FP6121PM Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6121

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Fitipower Integrated Te...
FP6128 FITIPOWER-FP6128 Datasheet
626Kb / 11P
300mA, High PSRR, Dual Output Low-Dropout Regulator
logo
AiT Semiconductor Inc.
A6303 AITSEMI-A6303 Datasheet
616Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR, W. OUTPUT DISCHARGE
REV1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com