Electronic Components Datasheet Search
  English  ▼

X  

SF6021 Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF6021
Description  Built-in 700V Power BJT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF6021 Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF6021 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF6021 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_6021_V1.0
FEATURES
◆ Built-in 700V Power BJT
◆ Proprietary NC-Cap/PSR-II
TM Control:
● ±4% CC and CV Precision
● Proprietary “Audio Noise Cancellation”
Control
● Built-in “Fast Dynamic Response” Control to
Meet USB Charge Requirements
● Proprietary “Zero-Output Startup” Control
● Proprietary “Smart Output Short Protection”
● without External Compensation/Filtering
Capacitor Needed
● Max. 50V Output for AC/DC LED Lighting
◆ Direct Drive of Low Cost BJT
◆ Proprietary Cable Drop Compensation
◆ Multi Mode Control
◆ Wide VDD Operating Range
◆ 11.7V UVLO Hysteresis Window
◆ Cycle-by-Cycle Current Limiting
◆ Leading Edge Blanking (LEB)
◆ Built-in Soft Start, Pin Floating Protection
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
◆ Battery chargers
◆ Replaces linear transformer and RCC SMPS
◆ Small power adapter
◆ AC/DC LED lighting
GENERAL DESCRIPTION
SF6021 is a high precision, highly integrated DCM
(Discontinuous
Conduction
Mode)
Primary
Side
Regulation (PSR) power switch for offline small
power converter applications. It has built-in power
BJT, which can further lower system cost.
SF6021 has built-in proprietary
NC-Cap/PSR-II
TM
control for CV control, which eliminates external
compensation or filtering capacitor. It has built-in
cable drop compensation function, which can provide
excellent CV performance. The IC uses Multi Mode
Control to improve efficiency and reliability and to
decrease audio noise energy @ light loadings.
SF6021
integrates
proprietary
“Audio
Noise
Cancellation” control for audio noise free operation.
The IC has built-in “Fast Dynamic Response”
control to meet USB Charge requirements. SF6021
also integrates proprietary “Zero-Output Startup”
control to achieve startup when output is near zero
voltage. The IC has proprietary “Smart Output Short
Protection”, which can protect the system with large
leakage inductance when output is short circuit.
SF6021 integrates functions and protections of FB
Short Protection, Under Voltage Lockout (UVLO),
VDD Over Voltage Protection (VDD OVP), Soft Start,
Cycle-by-cycle Current Limiting (OCP), Pin Floating
Protection, VDD Clamping.
SF6021 is available SOP7 packages.
TYPICAL APPLICATION
AC IN
DC
Out
7
6
5
1
NC
FB
CS
GND
VDD
2
3
4
C
C
SF6021
Pin Configuration


Similar Part No. - SF6021

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF602 GOOD-ARK-SF602 Datasheet
191Kb / 2P
Super Fast Rectifiers
logo
SIFIRST TECHNOLOGIES NA...
SF6020P SIFIRST-SF6020P Datasheet
163Kb / 2P
NC-Cap/PSR-IITM (Primary Side Regulation) CV/CC Controller
SF6020PMGT SIFIRST-SF6020PMGT Datasheet
163Kb / 2P
NC-Cap/PSR-IITM (Primary Side Regulation) CV/CC Controller
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022TG SIFIRST-SF6022TG Datasheet
98Kb / 2P
Built-in 700V Power BJT
More results

Similar Description - SF6021

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6778S SIFIRST-SF6778S Datasheet
87Kb / 2P
Built-in 600V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com