Electronic Components Datasheet Search
  English  ▼

X  

SF7301 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF7301
Description  Proprietary Super- SRTM Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF7301 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF7301 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF7301 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_7301_V1.0
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF7301SG
SF7301SG
SOP8
Green
Yes
Marking Information
SF7301SG
Y WW
YWW: Year&Week code
Pin Description
Pin Num
Pin Name
I/O
Description
1
FB
I
Inverting input of the error amplifier. If not be used, this pin should be
connected to GND
2
NC
\
3
LPC
I
Winding detection. This pin is used to detect the voltage on the winding
and calculate the area of the winding signal during the on time period of
the primary GATE.
4
GREEN
I
Program a voltage reference with a resistor form GREEN to GND, to
enable synchronous rectification MOSFET drive signal
5
GND
P
IC ground pin
6
GD
O
Totem-pole gate driver output to drive the external MOSFET.
7
VDD
P
IC power supply pin.
8
COMP
O
Output of the error amplifier. A feedback network is placed between this
pin and PIN1.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com