Electronic Components Datasheet Search
  English  ▼

X  

ICS91309MLF-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS91309MLF-T
Description  High performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91309MLF-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS91309MLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ICS91309
0093G—02/11/04
Electrical Characteristics - Outputs
TA = 0 - 70°C; VDD = 3.3 V +/-10%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Rise Time
1
tr
Measure between 0.8 V and 2.0 V
1.2
1.5
ns
Fall Time
1
tf
Measure between 2.0 V and 0.8 V
1.2
1.5
ns
PLL Lock Time
1
TLOCK
Stable VDD, valid clock on REF
1mS
f1
CL = 30 pF
10
100
MHz
f1
CL = 10 pF
10
133
MHz
Dt1
Measured at 1.4 V, Fout = 66.7 MHz
40
50
60
%
Dt2
Measured at VDD/2, Fout < 50.0 MHz
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc
Measured at 66.7 MHz, loaded outputs
125
ps
Jitter, Absolute
1
Tjabs
10,000 cycles, CL = 30 pF
-100
70
100
ps
Jitter, 1-Sigma
1
Tj1s
10,000 cycles, CL = 30 pF
14
30
ps
Skew, Group-to-Group
1
Tsk
Measured at 1.4 V
215
ps
Skew, Output-to-Output
1
Tsk
Measured at 1.4 V, within a group
100
ps
Skew, Device-to-Device
1
Tdsk-Tdsk Measured at VDD/2,on CLKOUT pins
700
ps
Delay, Input-to-Output
1
Dr1
Measured at 1.4 V
700
ps
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
Duty Cycle
1
Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com