Electronic Components Datasheet Search
  English  ▼

X  

SFL960 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SFL960
Description  600 MA peak drive capability, maximum power up to 100 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SFL960 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SFL960 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SFL960 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_960_V1.1
CS
COMP
GND
GATE
FB
SOT23-6
VDD
订购信息
订购型号
IC 打印
封装
包装编带
SFL960LGT
.50YWW
SOT23-6
Green
√
IC 表面打印信息
. 9 6 0 Y W
960: 芯片料号 SFL960
YW: 年&星期周期号
管脚描述
管脚号
管脚名称
I/O
描述
1
CS
I
电流检测脚。
2
GND
P
芯片地。
3
COMP
I
闭环恒流滤波电容脚。
4
FB
I
反馈脚,通过此脚位检测变压器消磁信息,并用此信息来实现闭环恒流。同
时通过检测此脚来实现 LED 短路/开路保护。
5
VDD
P
芯片电源。
6
GATE
I
外部 MOS 驱动脚。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com