Electronic Components Datasheet Search
  English  ▼

X  

54HC00 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC00
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC00 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC00 Datasheet HTML 1Page - Silicon Supplies 54HC00 Datasheet HTML 2Page - Silicon Supplies 54HC00 Datasheet HTML 3Page - Silicon Supplies 54HC00 Datasheet HTML 4Page - Silicon Supplies 54HC00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC00
Rev 1.0
07/02/19
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.132
0.443
2
1B
0.132
0.126
3
1Y
0.315
0.129
4
2A
0.485
0.128
5
2B
0.802
0. 129
6
2Y
0.981
0.129
7
GND
0.981
0.504
8
3Y
0.981
0.807
9
3A
0.971
1.105
10
3B
0.722
1.115
11
4Y
0.551
1.115
12
4A
0.331
1.115
13
4B
0.132
1.105
14
VCC
0.132
0.65
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1300µm (51.18 mils)
0,0
9
8
7
6
5
4
3
2
1
14
13
12
11
10
1A
1B
2A
2B
3A
3B
4A
4B
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
Pad 14 = VCC
Pad 7 = GND
 
COORDINATES MARKED IN DIE PASSIVATION FOR ORIENTATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com