Electronic Components Datasheet Search
  English  ▼

X  

FP613215VB3PTR Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP613215VB3PTR
Description  600mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP613215VB3PTR Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP613215VB3PTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FP6132-1.9 -JAN-2011
7
FP6132
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure15. Load Transition Response
Figure16. Load Transition Response
Figure17. Line Transition Response
Figure18. Line Transition Response
VOUT=3.3V, CIN=1μF, COUT=1μF
VIN=4V, IOUT= 1mA to150mA
VOUT=3.3V, CIN=1μF, COUT=4.7μF
VIN=4V, IOUT= 1mA to150mA
VIN=3V to 4V, IOUT=10mA
VOUT= 1.8V, CIN=1μF, COUT=1μF
VIN=3V to 4V, IOUT=10mA
VOUT= 1.8V, CIN=1μF, COUT=4.7μF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com