Electronic Components Datasheet Search
  English  ▼

X  

54HC14 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC14
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC14 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC14 Datasheet HTML 1Page - Silicon Supplies 54HC14 Datasheet HTML 2Page - Silicon Supplies 54HC14 Datasheet HTML 3Page - Silicon Supplies 54HC14 Datasheet HTML 4Page - Silicon Supplies 54HC14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
High Speed CMOS Logic – 74HC14
 
Hex Schmitt-Trigger Inverter Logic IC in bare die form
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1250 x 1250
49 x 49
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74LS14.
Rev 1.0
24/11/17
Features:
Description
The 74HC14 Hex Schmitt-Trigger Inverter is fabricated
using a 2.5µm 5V CMOS process with the same high speed
performance of LSTTL combined with CMOS low power
consumption. The device performs the Boolean function Y
= Ᾱ in positive logic. Device inputs are compatible with
Standard CMOS outputs; with pull-up resistors, they are
compatible with LSTTL outputs. Schmitt-Trigger inputs
transform slow input rise and fall times into sharply defined
jitter-free output signals. Due to the hysteresis voltage of
the Schmitt trigger, the 74HC14 is useful in noisy
environments.
Ordering Information
The following part suffixes apply:
Die Dimensions in µm (mils)
1250 (49)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54HC14
 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 54HC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
54HC14 MOTOROLA-54HC14 Datasheet
143Kb / 6P
Hex Schmitt Inverter
logo
Silicon Supplies
54HC14 SS-54HC14 Datasheet
387Kb / 5P
High Speed CMOS Logic
54HC14 SS-54HC14 Datasheet
270Kb / 5P
High Speed CMOS Logic
Rev 1.0 24/11/17
54HC14 SS-54HC14_V01 Datasheet
270Kb / 5P
High Speed CMOS Logic
Rev 1.0 24/11/17
More results

Similar Description - 54HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com