Electronic Components Datasheet Search
  English  ▼

X  

FP6134 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
600mA Low Dropout
Linear Regulator with Shutdown
Description
The FP6134 is a low dropout, positive linear
regulator with very low quiescent current.
The
FP6134 can supply 600mA output current with low
dropout voltage at about 600mV.
The BP pin with a
0.1µF bypass capacitor can help reducing the output
noise level.
The shutdown function can provide
remote control for the external signal to decide the
on/off state of FP6134.
With a logic high level at
pin, the device is in the on state, and vice
versa.
The FP6134 regulator is able to operate with output
capacitors as small as 1µF for stability.
The
FP6134 also offers the on chip thermal shutdown
feature to provide protection against overload or any
condition when the ambient temperature exceeds
the maximum junction temperature.
The FP6134 offers high precision output voltage of
2%.
It is available in fixed output voltages
including 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.1V and 3.3V.
The
FP6134
is
housed
in
low-profile
and
space-saving 5-lead SOT-23-5 package.
Features
Low Dropout Voltage of 600mV at 600mA
High Ripple Rejection at 60dB
Guaranteed 600mA Output Current
Very Low Quiescent Current at 30µA
Max.
2% Output Voltage Accuracy
Needs Only 1µF Capacitor for Stability
Thermal Shutdown Protection
Current Limit Protection
Active Low Shutdown Control
Low-ESR Ceramic Capacitor for Output Stability.
Tiny package: SOT-23-5
RoHS Compliant
Applications
DSC
Wireless Device
LCD Module
Battery Power System
Card Reader
PDA
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
5
4
VIN
SHDN
GND
BP
VOUT
Figure 1. Pin Assignment of FP6134
SOT-23-5 Marking
Part Number
Product
Code
Part Number
Product
Code
FP6134-15S5P
Fi
FP6134-28S5G
Fn=
FP6134-15S5G
Fi=
FP6134-30S5P
Fr
FP6134-18S5P
Fk
FP6134-30S5G
Fr=
FP6134-18S5G
Fk=
FP6134-31S5P
Fu
FP6134-25S5P
Fm
FP6134-31S5G
Fu=
FP6134-25S5G
Fm=
FP6134-33S5P
Fs
FP6134-28S5P
Fn
FP6134-33S5G
Fs=
Ordering Information
FP6134-
□□□□
TR: Tape/Reel
P: Green
G: Green
Package Type
S5: SOT-23-5
Output Voltage
15: 1.5V
30: 3.0V
18: 1.8V
31: 3.1V
25: 2.5V
33: 3.3V
28: 2.8V
Note1: Please consult Fitipower sales office or authorized
distributors for availability of special output voltages.


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com