Electronic Components Datasheet Search
  English  ▼

X  

FP6137F Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6137F
Description  3A BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137F Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6137F Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137F Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FP6137F-0.2-JUL-2011
FP6137F
fitipower integrated technology lnc.
Typical Application Circuit
EN
Q1
1.35V/1.5V/1.8V/2.5V
3.3V
VCNTL
GND
VOUT
REFEN
VCNTL
VIN
CVOUT
470µF
0.675V/0.75V/0.9V/1.25V
VOUT
RU
100K
100K
FP6137F
CIN
470µF
RD
CSS
1µF
VIN
CCNTL
47µF
Figure 2. Typical Application Circuit of FP6137F with EC Capacitors
CCNTL
1µF
EN
Q1
1.35V/1.5V/1.8V/2.5V
3.3V
VCNTL
GND
VOUT
REFEN
VCNTL
VIN
CVOUT
22µF
0.675V/0.75V/0.9V/1.25V
VOUT
100K
FP6137F
CIN
10µF
RD
CSS
1µF
Note A: The recommend value of resistor is 10k~100k
*A
VIN
RU
100K
*A
Figure 3. Typical Application Circuit of FP6137F with MLCC Capacitors
Functional Pin Description
Pin Name
Pin Function
VIN
Power input pin.
VIN is the input power supply used to create the external reference voltage for regulating
VOUT.
VIN sources current to VOUT by upper NMOS.
GND
Common ground pin.
The VOUT sinks current to GND by lower NMOS.
VCNTL
Power input pin.
The VCNTL power supplies the internal control circuitry and gate drive voltage.
REFEN
Chip enable, and input reference voltage pin.
The reference voltage is half of the VIN power by two external
voltage divide resistors.
VOUT
Regulator output pin.
VOUT voltage tracks the REFEN voltage and is capable of sourcing or sinking current up
to peak 3A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com