Electronic Components Datasheet Search
  English  ▼

X  

HCMA1104 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCMA1104
Description  Automotive grade High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCMA1104 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCMA1104 Datasheet HTML 1Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 2Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 3Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 4Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 5Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 6Page - Eaton All Rights Reserved. HCMA1104 Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data 10349
Effective August 2018
Supersedes October 2017
HCMA1104
Automotive grade
High current power inductors
Product features
•
AEC-Q200 qualified
•
High current carrying capacity
•
Magnetically shielded, low EMI
•
Frequency range up to 5 MHz
•
Inductance range from 0.2 μH to 22 μH
•
Current range from 5 A to 45 A
•
11.5 mm x 10.3 mm footprint surface mount
package in a 4.0 mm height
•
Iron powder core material
Applications
•
Body electronics
•
Central body control module
•
Vehicle access control system
•
Headlamps, tai lamps and interior lighting
•
Heating ventilation and air conditioning con-
trollers (HVAC)
•
Doors, window lift and seat control
•
Advanced driver assistance systems
•
Adaptive cruise control (ACC)
•
Automatic parking control
•
Collision avoidance system
•
Car black box system
•
Infotainment and cluster electronics
•
Audio subsystem: head unit and trunk amp
•
Digital instrument cluster
•
In-vehicle infotainment (IVI) and navigation
•
Chassis and safety electronics
•
Airbag control unit
•
Electronic stability control system (ESC)
•
Electric parking brake Voltage Regulator
Module (VRM)
Environmental data
•
Storage temperature range (Component):
-55 °C to +125 °C
•
Operating temperature range: -55 °C to +125 °C
(ambient + self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCMA1104

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCMA1305 EATON-HCMA1305 Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1305-100-R EATON-HCMA1305-100-R Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1305-150-R EATON-HCMA1305-150-R Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1305-1R0-R EATON-HCMA1305-1R0-R Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1305-1R5-R EATON-HCMA1305-1R5-R Datasheet
691Kb / 9P
Automotive grade High current power inductors
More results

Similar Description - HCMA1104

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCM1A0503 EATON-HCM1A0503 Datasheet
642Kb / 9P
Automotive grade High current power inductors
HCM1A0703 EATON-HCM1A0703 Datasheet
599Kb / 11P
Automotive grade High current power inductors
HCM1A1104 EATON-HCM1A1104 Datasheet
566Kb / 11P
Automotive grade High current power inductors
HCM1A1305 EATON-HCM1A1305 Datasheet
585Kb / 12P
Automotive grade High current power inductors
HCM1A1307 EATON-HCM1A1307 Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCMA0503 EATON-HCMA0503 Datasheet
432Kb / 7P
Automotive grade High current power inductors
HCMA0703 EATON-HCMA0703 Datasheet
393Kb / 8P
Automotive grade High current power inductors
HCMA1305 EATON-HCMA1305 Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1707 EATON-HCMA1707 Datasheet
558Kb / 7P
Automotive grade High current power inductors
HCM1A0805 EATON-HCM1A0805 Datasheet
456Kb / 6P
Automotive grade High current power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com