Electronic Components Datasheet Search
  English  ▼

X  

HTC Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HTC
Description  PCB Fuse accessories for 5 mm fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HTC Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HTC Datasheet HTML 1Page - Eaton All Rights Reserved. HTC Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2110 BU-MC17076
December 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Technical Data
2110
Effective December 2017
HTC
PCB Fuse accessories for 5 mm fuses
Packaging Codes
Packaging code prefix
Description
Blank
10 pieces packed into a carton (Not available on HTC-210M)
BK-
100 pieces packed into a cardboard shelf package
BK1-
1000 pieces packed into a poly bag
AP-
1000 pieces per box in Ammo pack (HTC-200M only)
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
PCB Fuse Holders
HTC-45M
• 250 V, 10 A, 2.5 W
• Bayonet cap/carrier
• Operating temperature range: -30 °C to + 85 °C
• cURus: Guide IZLT2 & IZLT8 File # 14853
HTC-50M
• 250 V, 10 A, 2.5 W
• Bayonet cap/carrier
• Operating temperature range: -30 °C to + 85 °C
• cURus: Guide IZLT2 & IZLT8 File # 14853
• Solerability: In accordance with IEC 68-2-20
• Molded materials: UL94 V-0 (HTC-15M UL94 V-1)
Common HTC specifications
Not recommended for new designs.
Recommended replacement is
H15 data sheet # 4426
FU
SE
.461"
(11.7mm)
1.303"
(33.1mm)
.512"
(13.0mm)
Printed Circuit
Board
.051" _
+ .002" Dia. (Typ.)
(1.30 _
+ .05mm)
.394"
(10.0mm)
Mounting Holes
FU
SE
.461"
(11.7mm)
1.303"
(33.1mm)
.512"
(13.0mm)
Printed Circuit
Board
.394"
(10.0mm)
Mounting Holes
.051" _
+ .002" Dia. (Typ.)
(1.30 _
+ .05mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com