Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6166
Description  600mA Low Noise High PSRR LDO with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6166 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6166 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FP6166-0.4-OCT-2012
FP6166
85T
fitipower integrated technology lnc.
Outline Information (Continued)
SOP-8 Package (Unit: mm)
Note:Followed from JEDEC MO-012-E
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.31
0.51
D
4.80
5.00
E
3.80
4.00
e
1.20
1.34
H
5.80
6.20
L
0.40
1.27
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com