Electronic Components Datasheet Search
  English  ▼

X  

FP6329 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6329
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6329 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Application Information
Introduction
The FP6329/A integrated circuit is a synchronous
PWM controller; it operates over a wide input voltage
range.
Being low cost, it is a very popular choice of
PWM controller.
This section will describe the
FP6329/A application suggestion.
The operation
and the design of this application will also be
discussed in detail.
Design Procedures
This section will describe the steps to design
synchronous buck system, and explains how to
construct basic power conversion circuits including
the design of the control chip functions and the basic
loop.
(1) Synchronous Buck Converter
Since this is a buck output system, the first quantity
to be determined is the duty cycle value.
The
formula calculated the PWM duty ratio; apply to the
system which we propose to design:
Duty ratio D =
VO +VDS(sat), Lowside N
VIN - VDS(sat), Highside N
, 0= D= 1
+ VDS(sat),Lowside N
=
TON
TS
(2) Inductor Selection
To find the inductor value it is necessary to consider
the inductor ripple current.
Choose an inductor
which operated in continuous mode down to 10
percent of the rated output load:
ΔI
L = 2 x 10% x IO
The inductor “L” value for this system is connected to
be:
L ≧
(VIN - VDS(sat) – VO) x DMIN
ΔI
L x fS
If the core loss is a problem, increasing the
inductance of L will be helpful.
But large inductor
values reduce the converter’s response time to a
load transient.
(3) Output Capacitor Selection
The output capacitor is required to filter the output
noise and provide regulator loop stability.
When
selecting an output capacitor, the important capacitor
parameters are Equivalent Series Resistance (ESR),
the RMS ripples current rating, the voltage rating,
and capacitance value.
For the output capacitor,
the ESR value is the most important parameter.
The ESR can be calculated from the following
formula.
L
RIPPLE
ΔI
V
ESR
An aluminum electrolytic capacitor's ESR value is
related to the capacitance and its voltage rating.
In
most case, higher voltage electrolytic capacitors
have lower ESR values.
Most of the time,
capacitors with much higher voltage ratings may be
needed to provide the low ESR values required for
low output ripple voltage.
The capacitor voltage rating should be at least 1.5
times greater than the output voltage, and often
much higher voltage ratings are needed to satisfy
the low ESR requirements needed for low output
ripple voltage.
(4) Input Capacitor Selection
The RMS current rating of the input capacitor can
be calculated as below:
)
D
1
(
D
I
I
OUT
IN((rms)
This capacitor should be located close to the IC
using short leads and the volt age rating should be
approximately 1.5 times the maximum input voltage.
(5) Output N-channel MOSFET Selection
The
current
ability
of
the
output
N-channel
MOSFETs must be at least more than the peak
switching current IPK.
The voltage rating VDS of the
N-channel MOSFETs should be at least 1.25 times
the maximum input voltage.
Choose the low
RDS-ON MOSFETs for reducing the conduction power
loss.
Choose the low CISS MOSFETs for reducing
the switching loss.
But most of time, the two
factors
are
trade-off.
Consider
the
system
requirement and define the MOSFETs rating.
The
MOSFETs must be fast (switch time) and must be
located close to the FP6329/A using short leads and
short printed circuit traces.
In case of a large
output current, we must layout a copper to reduce
the temperature of these two MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com