Electronic Components Datasheet Search
  English  ▼

X  

FP6360 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6360
Description  1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6360 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6360 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FP6360-1.4-MAY-2013
FP6360
fitipower integrated technology lnc.
Preliminary
Outline Information (Continued)
TQFN-16 3mmx3mm
Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.70
0.80
A1
0.00
0.05
C
0.19
0.30
E
2.90
3.10
D
2.90
3.10
L
0.35
0.45
b
0.18
0.30
e
0.45
0.55
E2
1.50
1.80
D2
1.50
1.80
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized or use as critical components in li e support devices or other medical systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com