Electronic Components Datasheet Search
  English  ▼

X  

OB2263 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OB2263
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OB2263 Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 9Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 10Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 11Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 12Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©On-Bright Electronics
- 10 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
• Protection Controls
Good power supply system reliability is achieved
with its rich protection features including Cycle-by-
Cycle
current
limiting
(OCP),
Over
Load
Protection (OLP) and over voltage clamp, Under
Voltage Lockout on VDD (UVLO).
With On-Bright Proprietary technology, the OCP
threshold tracks PWM Duty cycles and is line
voltage compensated to achieve constant output
power limit over the universal input voltage range
with recommended reference design.
At overload condition when FB input voltage
exceeds power limit threshold value for more than
TD_PL, control circuit reacts to shut down the
output power MOSFET. Device restarts when VDD
voltage drops below UVLO limit.
VDD is supplied by transformer auxiliary winding
output. It is clamped when VDD is higher than
threshold value. The power MOSFET is shut down
when VDD drops below UVLO limit and device
enters power on start-up sequence thereafter.
Confidential to Micro Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com