Electronic Components Datasheet Search
  English  ▼

X  

FP6861C Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FP6861C
Description  Single-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861C Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FP6861C Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP6861C Datasheet HTML 16Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FP6861C-1.0-DEC-2015
FP6861C
Application Information (Continued)
Supply Filter/Bypass Capacitor
The input capacitor must be at least
1μF low-ESR
ceramic capacitor connected from VIN to GND, but
can be increased without limit.
Output short may
cause sufficient ringing on the input (from source
lead inductance) to destroy the internal control
circuitry.
The input transient must not exceed 6V of
the absolute maximum supply voltage even for a
short duration.
Output Filter Capacitor
Output is recommended to use a 22
μF ceramic
capacitor in parallel with a 100
μF electrolytic
capacitor.
Standard bypass methods should be
used to minimize inductance and resistance between
the bypass capacitor and the downstream connector
which reduce EMI and decouple voltage drop caused
when
downstream
cables
are
hot-insertion
transients.
Ferrite beads in series with VBUS, the
ground line and the 0.1μF bypass capacitors at the
power connector pins are recommended for EMI and
ESD protection.
The bypass capacitor should have
a low dissipation factor to allow decoupling at higher
frequencies.
Power Dissipation
The device’s junction temperature depends on
several factors, such as the load, PCB layout,
ambient
temperature
and
package
type.
However, the maximum output current must be
decreased at higher ambient temperature to ensure
the junction temperature does not exceed 150°C.
With all possible conditions, the junction temperature
must be within the range specified under operating
conditions.
Power dissipation can be calculated
based on the output current and the RDS(ON) of switch
as below:
=R S(O )
OUT
2
Although the devices are rated by current limit, but
the application may limit the amount of output current
based on the total power dissipation and the ambient
temperature.
The
final
operating
junction
temperature for any set of conditions can be
estimated by the following thermal equation:
(MA ) =
T (MA ) TA
θ A
where TJ(MAX) is the maximum junction temperature
125°C, TA is the ambient temperature and the θJA is
the junction to ambient thermal resistance.
The junction to ambient thermal resistance θ
JA is
related to layout.
For SOT-23-5 package, the
therma
l resistance θ
JA is 250°C/W on the standard
JEDEC 51-3 single-layer thermal test board.
PCB Layout
In order to meet the voltage drop and EMI
requirements, careful PCB layout is necessary.
The following guidelines must be considered:
1. Keep all VBUS traces as short as possible, and
use at least 50-mil and 2 ounce copper for all
VBUS traces.
2. Locate the FP6861C as close to the output port
as possible to limit switching noise.
3. Locate the ceramic bypass capacitors as close
to the VIN pins of the FP6861C as possible.
4. Avoid vias as much as possible.
If vias are
necessary, make them as large as feasible.
5. Place a ground plane under all circuitry to lower
both resistance and inductance, and improve
DC and transient performance (use a separate
ground and power plans if possible).
6. Place cuts in the ground plane between ports to
help
reducing
the
coupling
of
transients
between ports.
7. Locate the output capacitor and ferrite beads as
close to the USB connectors as possible to
lower impedance (mainly inductance) between
the port and the capacitor, and improve
transient load performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com