Electronic Components Datasheet Search
  English  ▼

X  

FP6866 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6866
Description  200mA Current-Limit Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6866 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

  FP6866 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FP6866-1.2-MAR-2012
FP6866
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
V
IN
(V)
ISD
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VIN(V)
ILK
Figure 17. Shut Down Current V.S. Input Voltage
Figure 18. Leakage Current V.S. Input Voltage
VIN=3.3V
VEN=0V
CIN=10µF
COUT=10µF
VIN=3.3V
VEN=0V
CIN=10µF
COUT=10µF
R =0Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com