Electronic Components Datasheet Search
  English  ▼

X  

FR9886ASPCTR Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FR9886ASPCTR
Description  21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9886ASPCTR Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FR9886ASPCTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
FR9886A-0.3-SEP-2011
FR9886A
85T
fitipower integrated technology lnc.
Outline Information
SOP-8 (Exposed Pad) Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIME ER
MIN
MAX
A
1.25
1.70
A1
0.00
0.15
A2
1.25
1.55
B
0.31
0.51
D
4.80
5.00
D1
3.04
3.50
E
3.80
4.00
E1
2.15
2.41
e
1.20
1.34
H
5.80
6.20
L
0.40
1.27
Note:Followed From JEDEC MO-012-E.
Carrier dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com