Electronic Components Datasheet Search
  English  ▼

X  

FR9710 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9710
Description  23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9710 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9710 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9710 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FR9710-1.1-MAR-2012
FR9710
85T
fitipower integrated technology lnc.
Application Information
Output Voltage Setting
The output voltage VOUT is set by using a resistive
divider from the output to FB.
The FB pin regulated
voltage is 1.23V.
Thus the output voltage is:
VOUT=1.2
1
R1
R2
V
R2 recommended value is 10kΩ, so R1 is
determined by:
R1= .1
VOUT 1.2 kΩ
Table 1 lists recommended values of R1 and R2 for
most used output voltage.
Table 1
Recommended Resistance Values
VOUT
R1
R2
5V
68 k
Ω
22 k
Ω
3.3V
16.8 k
Ω
10 k
Ω
1.8V
4.7 k
Ω
10 k
Ω
1.2 V
4.7 k
Ω
NC
Place resistors R1 and R2 close to FB pin to prevent
stray pickup.
Input Capacitor Selection
The use of the input capacitor is controlling the input
voltage ripple and the MOSFETS switching spike
voltage.
Because
the
input
current
to
the
step-down converter is discontinuous, the input
capacitor is required to supply the current to the
converter to keep the DC input voltage.
The
capacitor voltage rating should be 1.25 to 1.5 times
greater than the maximum input voltage.
The input
capacitor ripple current RMS value is calculated as:
IIN(RMS =IOUT
D 1 D
Where D is the duty cycle of the power MOSFET.
A low ESR capacitor is required to keep the noise
minimum.
Ceramic capacitors are better, but
tantalum or low ESR electrolytic capacitors may also
suffice.
When
using
tantalum
or
electrolytic
capacitors, a 0.1
μF ceramic capacitor should be
placed as close to the IC as possible.
Output Capacitor Selection
The output capacitor is used to keep the DC output
voltage and supply the load transient current.
Low
ESR capacitors are preferred.
Ceramic, tantalum
or low ESR electrolytic capacitors can be used
depending on the output ripple requirements.
Add
a 100
μF or 470μF Low ESR electrolytic capacitor
when operating in high input voltage range (VIN >
20V).
It can improve the device’s stability. The
output ripple voltage ΔV
OUT is described as:
I=
VOUT
FOSC L
1
VOUT
VIN
VOUT= I
R SR
1
FOSC COUT
Where ΔI is the peak-to-peak inductor ripple current,
FOSC is the switching frequency, L is the inductance
value, VIN is the input voltage, VOUT is the output
voltage, RESR is the equivalent series resistance
value of the output capacitor, and the COUT is the
output
capacitor.
When
using
the
ceramic
capacitors, the RESR can be ignored and the output
ripple voltage ΔV
OUT is shown as:
VOUT=
I
FOSC COUT
When using tantalum or electrolytic capacitors,
typically 90% of the output voltage ripple is
contributed by the ESR of output capacitors.
The
output ripple voltage ΔV
OUT can be estimated as:
VOUT= I R SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com