Electronic Components Datasheet Search
  English  ▼

X  

RI60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RI60
Description  Ultra-miniature dry-reed switch germetically sealed in a gas-dilled glass envelope
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RI60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RI60 Datasheet HTML 1Page - List of Unclassifed Manufacturers RI60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Catch Us on the Web! www.cotorelay.com
E-Mail us: sales@cotorelay.com
54
RI-60 Series
RI-60 S
RI-60 S
RI-60 S
RI-60 S
RI-60 SERIES
ERIES
ERIES
ERIES
ERIES
Ultra-miniature dry-reed switch hermetically sealed in a gas-filled
glass envelope. Single-pole, single-throw (SPST) type, having
normally open contacts, and containing two magnetically actuated
reeds.
The switch is of the double-ended type and may be actuated by an
electromagnet, a permanent magnet or a combination of both.
The device is intended for use in relays, sensors, pulse counters or
similar devices.
RI-60 S
RI-60 S
RI-60 S
RI-60 S
RI-60 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEA
EA
EA
EA
EATURES
TURES
TURES
TURES
TURES
u Ideal for ATE switching
u Contact layers: Gold, sputtered ruthenium
u Superior glass-to-metal seal and blade alignment
u Excellent life expectancy and reliability
G
G
G
G
GENERAL
ENERAL
ENERAL
ENERAL
ENERAL DATA
DATA
DATA
DATA
DATA FOR
FOR
FOR
FOR
FOR ALL
ALL
ALL
ALL
ALL MODELS
MODELS
MODELS
MODELS
MODELS
RI-60
RI-60
RI-60
RI-60
RI-60
A
A
A
A
AT
T
T
T
T-Customiza
-Customiza
-Customiza
-Customiza
-Customization / Pr
tion / Pr
tion / Pr
tion / Pr
tion / Pref
ef
ef
ef
efor
or
or
or
ormed Leads
med Leads
med Leads
med Leads
med Leads
Besides the standard models, customized products can
also be supplied offering the following options:
! Operate and release ranges to customer specification
! Cropped and/or preformed leads
C
C
C
C
COILS
OILS
OILS
OILS
OILS
All characteristics are measured using the Philips stan-
dard coil. For definitions of the Philips Standard Coil and
the standard MIL Coil, refer to “Application Notes” in
the Reed Switch Technical & Application Information
Section of this catalog.
Rela
Rela
Rela
Rela
Relationship betw
tionship betw
tionship betw
tionship betw
tionship between Philips Standar
een Philips Standar
een Philips Standar
een Philips Standar
een Philips Standard Coil and the
d Coil and the
d Coil and the
d Coil and the
d Coil and the
Standar
Standar
Standar
Standar
Standard MIL Coil
d MIL Coil
d MIL Coil
d MIL Coil
d MIL Coil
Operate value of standard MIL Coil = 0.83 x operate
value of Philips Sandard Coil + 0.30 AT.
Release value of standard MIL Coil = 0.83 x release
value of Philips Standard Coil + 0.18 AT.
L
L
L
L
LIFE
IFE
IFE
IFE
IFE EXPECT
EXPECT
EXPECT
EXPECT
EXPECTANCY
ANCY
ANCY
ANCY
ANCY AND
AND
AND
AND
AND RELIABILITY
RELIABILITY
RELIABILITY
RELIABILITY
RELIABILITY
The life expectancy data given below are valid for a coil
energized at 1.25 times the published maximum operate
value for each type in the RI-60 series.
No-load conditions (oper
No-load conditions (oper
No-load conditions (oper
No-load conditions (oper
No-load conditions (opera
aa
aating fr
ting fr
ting fr
ting fr
ting frequenc
equenc
equenc
equenc
equency:
y:
y:
y:
y: 100 Hz)
100 Hz)
100 Hz)
100 Hz)
100 Hz)
Life expectancy: min.109 operations with a failure rate of
less than 2 x10-10 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1
Ω after 2 ms
Release time > 2ms (latching or contact sticking).
Loaded conditions (r
Loaded conditions (r
Loaded conditions (r
Loaded conditions (r
Loaded conditions (resisti
esisti
esisti
esisti
esistiv
v
v
v
ve load:
e load:
e load:
e load:
e load: 5
5
5
5
5 V
V
V
V
V; 100 mA;
; 100 mA;
; 100 mA;
; 100 mA;
; 100 mA;
oper
oper
oper
oper
opera
aa
aating fr
ting fr
ting fr
ting fr
ting frequenc
equenc
equenc
equenc
equency:
y:
y:
y:
y: 125 Hz)
125 Hz)
125 Hz)
125 Hz)
125 Hz)
Life expectancy: min. 2 x 107operations with a failure
rate of less than 10-8 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1
Ω after 2.5 ms
Release time > 1 ms (latching or contact sticking).
Loaded conditions (r
Loaded conditions (r
Loaded conditions (r
Loaded conditions (r
Loaded conditions (resisti
esisti
esisti
esisti
esistiv
v
v
v
ve load:
e load:
e load:
e load:
e load: 20
20
20
20
20 V
V
V
V
V; 500 mA;
; 500 mA;
; 500 mA;
; 500 mA;
; 500 mA;
oper
oper
oper
oper
opera
aa
aating fr
ting fr
ting fr
ting fr
ting frequenc
equenc
equenc
equenc
equency:
y:
y:
y:
y: 125 Hz)
125 Hz)
125 Hz)
125 Hz)
125 Hz)
Life expectancy: min. 2 x 107 operations with a failure
rate of < 10-8 with a confidence level of 90%.
Dimensions in inches (mm)


Similar Part No. - RI60

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RI60P1-QR20-LI2X2 TURCK-RI60P1-QR20-LI2X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI60P1-QR20-LI2X2-H1141 TURCK-RI60P1-QR20-LI2X2-H1141 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI60P1-QR20-LU4X2 TURCK-RI60P1-QR20-LU4X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI60P1-QR20-LU4X2-H1141 TURCK-RI60P1-QR20-LU4X2-H1141 Datasheet
1Mb / 4P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI60P2-QR20-LI2X2 TURCK-RI60P2-QR20-LI2X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
More results

Similar Description - RI60

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02 COTO-RI-02 Datasheet
191Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
logo
Reed Relays and Electro...
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Coto Technology
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com