Electronic Components Datasheet Search
  English  ▼

X  

EM290504 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # EM290504
Description  High Current; 5.00 Centers; Modular
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM290504 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  EM290504 Datasheet HTML 1Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 2Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 3Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 4Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 5Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 6Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 7Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 8Page - Eaton All Rights Reserved. EM290504 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Terminal Blocks
Ø
Ø
PCB Hole Layout
EM9127 Series
EuroMag Terminal Blocks
7.50 Centers; Modular
SPECIFICATIONS
Rating: 30A, 300V
Center Spacing: 0.29” (7.50mm)
Wire Range: #10-24 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Cage Material: Brass, Nickel-Plated
Screw Size: M3.5
Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 5.5 lb-in.
Recommended PCB Hole Diameters: 0.071" (1.80mm)
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Agency Information:
File E62622; CE Certified
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 9 1 2 7
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
15.0
22.5
30.0
37.5
45.0
52.5
60.0
67.5
75.0
82.5
90.0
97.5
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
105.0
112.5
120.0
127.5
135.0
142.5
150.0
157.5
165.0
172.5
180.0
To convert to inches, divide by 25.4
EM912705
Dimensions - mm
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com