Electronic Components Datasheet Search
  English  ▼

X  

EM2939 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM2939
Description  Hi-Current, 15.00 Centers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM2939 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM2939 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Terminal Blocks
1.2 12.5
3.0
31.0
L
3.8
15.0
1.3
TestPoints
EM2939 Series
EuroMag Terminal Blocks
Hi-Current, 15.00 Centers
SPECIFICATIONS
Rating: 115A, 600V with No Bottom Cover (NC) Option.
Center Spacing: 0.591” (15.00mm)
Wire Range: #2-20 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin-Plated Copper
Cage Material: Steel, Chromate-Plated
Screw Size: M5 Stainless Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 15 lb-in.
Recommended PCB Hole Diameters: 0.063" (1.60mm)
Construction: Mold to length
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
L (mm)
30.0
45.0
60.0
75.0
90.0
105.0
120.0
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn
02 to 08
EM 2 9 3 9
EM293908
Dimensions - mm
62
qq


Similar Part No. - EM2939

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290502 EATON-EM290502 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290503 EATON-EM290503 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290504 EATON-EM290504 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290505 EATON-EM290505 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
More results

Similar Description - EM2939

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3261I FRONTIER-3261I Datasheet
123Kb / 1P
Hi-Current Toroid Inductors
logo
Advanced Thermal Soluti...
ATS015015015-MF-4N ATS-ATS015015015-MF-4N Datasheet
420Kb / 1P
15.00 x 15.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS015015015-SF-4N ATS-ATS015015015-SF-4N Datasheet
418Kb / 1P
15.00 x 15.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
Transportation centers
logo
Eaton All Rights Reserv...
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
9.52 Centers; Modular
EM2929 EATON-EM2929 Datasheet
1,012Kb / 1P
Hi-Current; 10.16 Centers
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
5.00 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
6.35 Centers; Modular
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com