Electronic Components Datasheet Search
  English  ▼

X  

EM366002 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM366002
Description  5.00 Centers; Modular
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM366002 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM366002 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
ø1.4
(ø0.055")
5+_0.1
(0.197")
L+_0.5
5+_0.1
(0.197")
2.5+_0.3
(0.098")
3.3+_0.3
(0.130")
ø1+_0.1
(ø0.039")
7.5+_0.3
(0.295")
PCB Hole Layout
EM3660 Series
EuroMag Terminal Blocks
5.00 Centers; Modular
SPECIFICATIONS
Rating: 16A,
300V
Center Spacing: 0.197” (5.00mm)
Wire Range: #1
2-26 AWG
Housing Material: Blue Polyamide Type 6/6, 94V0
Contact Material: Tin-Plated Brass
Wire Protector: Stainless Steel
Screw Size: M
2.6 Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -33°C
(-27°F) min.
Torque Rating: 4.0 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 3 6 6 0
EM366005
Dimensions - mm (in)
EuroMag Series PCB Mount Terminal Blocks
31


Similar Part No. - EM366002

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM366502 EATON-EM366502 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM366503 EATON-EM366503 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM366504 EATON-EM366504 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM366505 EATON-EM366505 Datasheet
1Mb / 1P
5.00 Centers; Modular
More results

Similar Description - EM366002

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2525 EATON-EM2525 Datasheet
656Kb / 1P
Pluggable Block (Mates with EM2535 Series); 5.00 Centers
EM2665 EATON-EM2665 Datasheet
1Mb / 1P
EuroMag Terminal Blocks 5.00 Centers
EM2785 EATON-EM2785 Datasheet
880Kb / 1P
45째 Entry; Screwless; Modular; 5.00 Centers
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
9.52 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM5035 EATON-EM5035 Datasheet
906Kb / 1P
Pluggable Block, Stackable (Mates with EM5045 Series) 5.00 Centers
EM5045 EATON-EM5045 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
6.35 Centers; Modular
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com