Electronic Components Datasheet Search
  English  ▼

X  

GDA Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GDA
Description  5 mm x 20 mm Fast-acting ceramic tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GDA Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GDA Datasheet HTML 1Page - Eaton All Rights Reserved. GDA Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2014
Effective May 2017
Supersedes February 2009
Product features
Agency information
• UL Recognized Card: Guide JDYX2, File
E19180
• CSA Component Acceptance: File 53787
• Semko Approval: File 413779, File 512433
• IMQ Approval: File EB405
• CCC: File 2005010207155691
Ordering
• Specify product code: Insert packaging code prefix
before part number. E.g. BK/GDA-250mA
• Specify option code if desired: For axial leads,
insert “V” between catalog series and amp rating.
E.g. BK/GDA-V-250mA
GDA
5 mm x 20 mm Fast-acting ceramic tube fuses
•
Fast-acting, high breaking capacity
•
5 x 20mm physical size
•
Ceramic tube, nickel-plated brass endcap
construction
•
Silver-plated endcap construction
(50mA-400mA)
•
Optional axial leads are 0.032" x 1.5"
copper tinned
•
Designed to IEC 60127-2
Specications
Voltage Interrupting Rating (amps)
at Rated Voltage (50Hz)
Typical DC
Typical
Typical
Agency Approvals
Part Number
Rating
Cold Resistance
Melting I 2t
Voltage
IMQ
SEMKO
UR
CCC
CSA
Vac
Vac
(amps)
Drop (mV)‡
GDA-50mA
250
1500
157.5
0.0017
9000
X
X
X
X
X
GDA-63mA
250
1500
39.0
0.0005
3300
X
X
X
GDA-80mA
250
1500
27.9
0.0011
2600
X
X
GDA-100mA
250
1500
20.0
0.0018
2300
X
X
GDA-125mA
250
1500
12.3
0.0037
1900
X
X
GDA-160mA
250
1500
8.5
0.008
1600
X
X
X
X
X
GDA-200mA
250
1500
6.0
0.020
1350
X
X
X
X
X
GDA-250mA
250
1500
4.4
0.027
1300
X
X
X
X
X
GDA-315mA
250
1500
3.3
0.010
1400
X
X
X
X
X
GDA-400mA
250
1500
2.2
0.018
1200
X
X
GDA-500mA
250
1500
0.460
0.038
1050
X
X
X
X
X
GDA-630mA
250
1500
0.340
0.064
1200
X
X
GDA-800mA
250
1500
0.245
0.097
490
X
X
X
X
X
GDA-1A
250
1500
0.231
0.146*
330
X
X
X
GDA-1.25A
250
1500
0.176
0.313*
297
X
X
X
GDA-1.6A
250
1500
0.113
0.748*
239
X
X
X
GDA-2A
250
1500
0.073
2.0
205
X
X
X
X
X**
GDA-2.5A
250
1500
0.053
3.9
190
X
X
X
X
X**
GDA-3.15A
250
1500
0.037
8.1
160
X
X
X
X
X**
GDA-4A
250
1500
0.027
14
160
X
X
X
X
X**
GDA-5A
250
1500
0.019
25
155
X
X
X
X
X**
GDA-6.3A
250
1500
0.014
48
150
X
X
X
X
X
‡ Typical Voltage Drop (Voltage drop was measured at 20ºC ambient temperature at rated current)
*I2t of 1A, 1.25A, 1.6A is measured at 10I
n DC.
**CSA Approvals on these ratings will not be marked on the fuse cap.
(Ω)*
Electrical Characteristics
1.5 I n 2.1 I n
2.75 I n
4 In
10 I n
In
min
max
min
max
min
max
max
50mA-3.15A 60 min 30 min 10 ms
2 sec
3 ms 300 ms 20 ms
4A-10A
60 min 30 min 10 ms
3 sec
3 ms 300 ms 20 ms


Similar Part No. - GDA

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
GDA 280E BOSCH-GDA 280E Datasheet
27Kb / 1P
Palm Orbital Sanders
logo
Cooper Bussmann, Inc.
GDA-1.25A COOPER-GDA-1.25A Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
GDA-1.6A COOPER-GDA-1.6A Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
GDA-100mA COOPER-GDA-100mA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
GDA-125mA COOPER-GDA-125mA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
More results

Similar Description - GDA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
C310FC EATON-C310FC Datasheet
748Kb / 2P
3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com