Electronic Components Datasheet Search
  English  ▼

X  

GDB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GDB
Description  5 mm x 20 mm Fast-acting glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GDB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GDB Datasheet HTML 1Page - Eaton All Rights Reserved. GDB Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2015
Effective May 2017
Supersedes February 2009
Product features
Agency information
• UL Recognized Card: Guide JDYX2, File E19180
• VDE approval: File 40014109
Ordering
• Specify product code: Insert packaging code prefix before
part number. E.g. BK/GDB-250mA
• Ratings above 6.3 A have a 0.8 mm diameter lead
• With TR2 packaging code, lead wire length is 19.05 mm
• Specify option code if desired: For axial leads, insert “V”
between catalog series and amp rating.
E.g. BK/GDB-V-250mA
GDB
5 mm x 20 mm Fast-acting glass tube fuses
•
Fast-acting, low breaking capacity
•
5 x 20mm physical size
•
Glass tube, nickel-plated brass endcap construction
•
Optional axial leads are 0.032" x 1.5" copper tinned
•
Designed to IEC 60127-2 (32 mA- 10 A)
Specications
Voltage
Interrupting Rating (amps)
Typical DC
Typical
Maximum
Part Number
Rating
at Rated Voltage (50Hz)
Cold Resistance
Melting I 2t
Voltage
Agency Approval
Vac
Vac
(Ω)*
AC†
Drop (mV)‡
UR
VDE
GDB-32mA
250
35
40
0.000047
3200
GDB-40mA
250
35
25
0.00011
2500
GDB-50mA
250
35
17
0.00020
2400
GDB-63mA
250
35
12.5
0.00057
2000
GDB-80mA
250
35
5.0
0.0012
1200
GDB-100mA
250
35
3.8
0.003
1100
GDB-125mA
250
35
2.8
0.005
1000
GDB-160mA
250
35
9.1
0.008
2000
X
X
GDB-200mA
250
35
6.8
0.016
1700
X
X
GDB-250mA
250
35
4.3
0.28
1400
X
X
GDB-315mA
250
35
3.1
0.58
1300
X
X
GDB-400mA
250
35
2.0
0.18
1100
X
X
GDB-500mA
250
35
0.26
0.18
220
X
X
GDB-630mA
250
35
0.20
0.35
220
X
X
GDB-800mA
250
35
0.14
0.67
190
X
X
GDB-1A
250
35
0.125
0.60
200
X
X
GDB-1.25A
250
35
0.096
0.84
200
X
X
GDB-1.6A
250
35
0.066
1.6
190
X
X
GDB-2A
250
35
0.043
4.2
150
X
X
GDB-2.5A
250
35
0.034
6.1
150
X
X
GDB-3.15A
250
35
0.025
13
130
X
X
GDB-4A
250
40
0.021
22
130
X
X
GDB-5A
250
50
0.014
42
120
X
X
GDB-6.3A
250
63
0.010
69
120
X
X
GDB-8A
250
80
0.010
N/A
120
X
X
GDB-10A
250
100
0.008
N/A
120
X
X
* DC Cold Resistance (Measured at <10% of rated current)
† Typical Melting I 2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Maximum Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current)


Similar Part No. - GDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
logo
Good Will Instrument Co...
GDB-02 GWINSTEK-GDB-02 Datasheet
184Kb / 1P
OSCILLOSCOPE EDUCATION AND TRAINING KIT
GDB-03 GWINSTEK-GDB-03 Datasheet
1Mb / 1P
Oscilloscope Education And Training Kit
logo
List of Unclassifed Man...
GDB02 ETC2-GDB02 Datasheet
74Kb / 3P
Dip Switches ?쏣nd to End Stackable Through Hole and Surface Mount
GDB04 ETC2-GDB04 Datasheet
74Kb / 3P
Dip Switches ?쏣nd to End Stackable Through Hole and Surface Mount
More results

Similar Description - GDB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com