Electronic Components Datasheet Search
  English  ▼

X  

MSM9803 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM9803
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9803 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM9803 Datasheet HTML 1Page - OKI electronic componets MSM9803 Datasheet HTML 2Page - OKI electronic componets MSM9803 Datasheet HTML 3Page - OKI electronic componets MSM9803 Datasheet HTML 4Page - OKI electronic componets MSM9803 Datasheet HTML 5Page - OKI electronic componets MSM9803 Datasheet HTML 6Page - OKI electronic componets MSM9803 Datasheet HTML 7Page - OKI electronic componets MSM9803 Datasheet HTML 8Page - OKI electronic componets MSM9803 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1/51
MSM9802/03/05-xxx
¡ Semiconductor
GENERAL DESCRIPTION
The MSM9802/03/05 is a PCM voice synthesis IC with built-in mask ROM.
This IC has two user selectable playback algorithms, OKI Non-linear PCM and straight PCM. It
also contains a current mode 10-bit D/A converter and a low-pass filter.
External control has been made easy by the built-in edit ROM that can form sentences by linking
phrases. By using Oki's Sound Analysis and Editing Tool, ROM data such as Phrase Control
Table can be easily set, created, edited, and evaluated.
With the stand-alone mode/microcontroller interface mode switching pin, the MSM9802/03/
05 can support various applications.
FEATURES
¡ Semiconductor
MSM9802/03/05-xxx
Voice Synthesis IC with Built-in Mask ROM
E2D0018-39-93
MSM9802
MSM9803
MSM9805
Speech period (sec)
fSAM=4.0 kHz
fSAM=6.4 kHz
fSAM=8.0 kHz
fSAM=16.0 kHz
ROM size*
512 Kbits
16.0
10.0
8.0
4.0
1 Mbit
32.4
20.2
16.2
8.1
2 Mbits
65.1
40.7
32.5
16.2
Device
*
Actual voice ROM area is smaller by 11 Kbits.
• ROM custom
• 8-bit OKI nonlinear PCM method/8-bit straight PCM method
• Built-in edit ROM
• Random playback function
• Sampling frequency
: 4.0 kHz/5.3 kHz/6.4 kHz/8.0 kHz/10.6 kHz/12.8 kHz/
16.0 kHz
Note: If RC oscillation is selected, 10.6 kHz, 12.8 kHz, and
16.0 kHz cannot be selected.
• Maximum number of phrases
: 63 (Microcontroller interface mode)
56 (Stand-alone mode)
• Built-in current mode 10-bit D/A converter
• Built-in low-pass filter
• Standby function
• RC oscillation (256 kHz)/ceramic oscillation (4.096 MHz) selectable
• Package options:
18-pin plastic DIP (DIP18-P-300-2.54)
(Product name: MSM9802-xxxRS/MSM9803-xxxRS/
MSM9805-xxxRS)
24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSM9802-xxxGS-K/MSM9803-xxxGS-K/
MSM9805-xxxGS-K)
30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name: MSM9802-xxxGS-AK/MSM9803-xxxGS-
AK/MSM9805-xxxGS-AK)
xxx indicates code number.
Chip
Note: This data sheet explains a stand-alone mode and a microcontroller interface mode,
separately.
This version: Sep. 1999
Previous version: May. 1997


Similar Part No. - MSM9803

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9803 OKI-MSM9803 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
More results

Similar Description - MSM9803

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
ADPCM Voice Analysis/Synthesis IC
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
OTP ROM Built-in Voice Synthesis IC
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
Voice Synthesis IC with Built-in 2-Mbit OTP ROM
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com