Electronic Components Datasheet Search
  English  ▼

X  

2KA2001 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KA2001
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KA2001 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2KA2001 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KA2001 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
Typical Characteristics
.
0
0
1
-
0
1
-
1
-
1
.
0
-
0
100
200
300
0
0
1
-
0
1
-
1
-
-10
-100
0
1
-
1
-
1
.
0
-
9
0
1
-
1
-
200
400
600
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
-0.0
-0.4
-0.8
-1.2
-0
-4
-8
-12
-16
-20
-0
-20
-40
-60
-80
-100
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE
=-1V
-3
-30
-0.3
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
I
C
-30
-300
-30
-3
COLLECTOR CURRENT
I
C
(mA)
=10
T
a
=25
T
a
=100
I
C
V
CEsat
——
-500
-200
1
3
-3
-0.3
-20
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/I
C
=0
T
a
=25
V
CB
/ V
EB
C
ob
/ C
ib
——
-3
-30
-50
V
CE
=-20V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
P
C
——
T
a
V
BE
I
C
——
-30
-3
-0.3
T
a
=25
T
a
=100
COMMON EMITTER
V
CE
=-1V
BASE-EMMITER VOLTAGE
V
BE
(V)
-200
-30
-3
=10
COLLECTOR CURRENT
I
C
(mA)
T
a
=25
T
a
=100
-200
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-500uA
-450uA
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B
=-50uA
COMMON
EMITTER
T
a
=25
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com