Electronic Components Datasheet Search
  English  ▼

X  

2KA2002 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KA2002
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KA2002 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2KA2002 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KA2002 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
e
s st
s
e
c
c
PNP Transistors
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-60
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
600
mA
Power Dissipation
PD
250
mW
Thermal resistance from junction to ambient
R JA
500
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -100
A, IE = 0
-60
V
Collector-Emitter Breakdown Voltage*
V(BR)CEO
IC = -10 mA, IB = 0
-60
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -100
A, IC = 0
-5
V
Collector Cutoff Current
ICBO
VCB = -50 V, IE = 0
-20
nA
Collector Cutoff Current
ICEX
VCE = -30 V,VEB(off) =0.5V
-50
nA
VCE=-10V,IC=-0.1mA
75
VCE=-10V,IC=-1mA
100
VCE=-10V,IC=-10mA
100
VCE=-10V,IC=-150mA
100
300
VCE=-10V,IC=-500mA
50
IC = -150 mA, IB = -15 mA
-0.4
V
IC = -500 mA, IB = -50 mA
-1.6
V
IC = -150 mA, IB = -15 mA
-1.3
V
IC = -500 mA, IB = -50 mA
-2.6
V
Current Gain - Bandwidth Product
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Delay Time
td
10
ns
Rise Time
tr
40
ns
Storage Time
ts
80
ns
Fall Time
tf
30
ns
* Pulse test: Pulse width
, duty cycle
2.0%
VBE(sat)
Base-Emitter Saturation Voltage *
VCC = -30 V, IC = -150 mA,IB1 = -15 mA
VCC = -6.0 V, IC = -150 mA,IB1 = IB2 = -15
mA
VCE(sat)
Collector-Emitter Saturation Voltage *
DC Current Gain
hFE
Marking
Marking
12
3


Similar Part No. - 2KA2002

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KA2001 KEXIN-2KA2001 Datasheet
205Kb / 2P
PNP Transistors
More results

Similar Description - 2KA2002

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com